Electronic Components Datasheet Search
  English  ▼

X  

DAC7634EB Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7634EB
Description  16-BIT, QUAD VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7634EB Datasheet(HTML) 18 Page - Texas Instruments

Back Button DAC7634EB Datasheet HTML 14Page - Texas Instruments DAC7634EB Datasheet HTML 15Page - Texas Instruments DAC7634EB Datasheet HTML 16Page - Texas Instruments DAC7634EB Datasheet HTML 17Page - Texas Instruments DAC7634EB Datasheet HTML 18Page - Texas Instruments DAC7634EB Datasheet HTML 19Page - Texas Instruments DAC7634EB Datasheet HTML 20Page - Texas Instruments DAC7634EB Datasheet HTML 21Page - Texas Instruments DAC7634EB Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
www.ti.com
NC
NC
SDI
DGND
CLK
DGND
LDAC
DGND
LOAD
DGND
CS
DGND
SDO
DGND
RSTSEL
DGND
RST
DGND
NC
NC
DGND
DGND
V
DD
V
DD
V
OUTA Sense
V
OUTA
AGND
V
SS
V
REFL AB Sense
V
REFL AB
V
REFH AB
V
REFH AB Sense
V
OUTB Sense
V
OUTB
V
OUTC Sense
V
OUTC
V
REFH CD Sense
V
REFH CD
V
REFL CD
V
REFL CD Sense
V
OUTD Sense
V
OUTD
V
SS
V
SS
AGND
AGND
V
CC
V
CC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
DAC7634
Reset DAC Registers
Chips Select
Serial Data Out
Serial Data In
Clock
Load DAC Registers
Load
NC = No Connection
–2.5V to +2.5V
–2.5V to +2.5V
–2.5V to +2.5V
–2.5V to +2.5V
+2.5V
+2.5V
–2.5V
–2.5V
+5V
+5V
–5V
–5V
+5V
+
+
1
µF
1
µF
0.1
µF
0.1
µF
0.1
µF
1
µF
ANALOG OUTPUTS
DAC7634
SBAS134B – JULY 2004 – REVISED DECEMBER 2005
Figure 50. Basic Dual-Supply Operation of the DAC7634
converter with a 2.5 V full-scale range has a 1-LSB
value of 38 µV. With a load current of 1 mA, series
wiring and connector resistance of only 40 m
Ω (R
W2)
When VSS = –5V (dual supply operation), the output
causes a voltage drop of 40 µV, as shown in
amplifier can swing to within 2.25 V of the supply
Figure 51. To understand what this means in terms of
rails, specified over the –40°C to 85°C temperature
a system layout, the resistivity of a typical 1-ounce
range. When VSS = 0 V (single-supply operation), and
copper-clad printed-circuit board is 1.2 m
Ω per
with RLOAD also connected to ground, the output can
square. For a 1-mA load, a 10-mil wide printed-circuit
swing to ground. Care must also be taken when
conductor 600 mil long results in a voltage drop of 30
measuring the zero-scale error when VSS = 0 V.
µV.
Because the output voltage cannot swing below
The DAC7634 offers a force and sense output
ground, the output voltage may not change for the
configuration for the high open-loop gain output
first few digital input codes (0000H, 0001H, 0002H,
amplifier. This feature allows the loop around the
etc.) if the output amplifier has a negative offset. At
output amplifier to be closed at the load (as shown in
the negative limit of –2 mV, the first specified output
Figure 51), thus ensuring an accurate output voltage.
starts at code 0040H.
Due to the high accuracy of these D/A converters,
system design problems such as grounding and
contact
resistance
become
important.
A
16-bit
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com