| Electronic Components Datasheet Search |
|
DAC7634EB Datasheet(PDF) 23 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
DAC7634EB Datasheet(HTML) 23 Page - Texas Instruments |
|
23 / 31 page ![]() www.ti.com SERIAL-DATA OUTPUT DIGITAL TIMING DIGITAL INPUT CODING I OUT + V REF H * VREFL R SENSE N 65, 536 ) VREFL RSENSE (2) V OUT + V REF L ) V REF H * VREFL N 65, 536 (1) DIGITALLY-PROGRAMMABLE CURRENT DAC7634 SBAS134B – JULY 2004 – REVISED DECEMBER 2005 Table 2. Serial Shift Register Truth Table CS (1) CLK(1) LOAD RST SERIAL SHIFT REGISTER H(2) X(3) H H No Change L(4) L H H No Change L ↑(5) H H Advanced One Bit ↑ L H H Advanced One Bit H(6) X L(7) H No Change H(6) X H ↑(8) No Change (1) CS and CLK are interchangeable. (2) H = Logic HIGH (3) X = Don't Care (4) L = Logic LOW (5) Positive logic transition (6) A HIGH value is suggested in order to avoid a false clock from advancing the shift register and changing the shift register. (7) If data is clocked into the serial register while LOAD is LOW, the selected DAC register changes as the shift register bits flow through A1 and A0. This corrupts the data in each DAC register that has been erroneously selected. (8) Rising edge of RST causes no change in the contents of the serial shift register. The Serial-Data Output (SDO) is the internal shift SOURCE register's output. For DAC7634, the SDO is a driven The DAC7634 offers a unique set of features that output and does not require an external pull-up. Any allows a wide range of flexibility in designing number of DAC7634s can be daisy-chained by applications circuits such as programmable current connecting the SDO pin of one device to the SDI pin sources. The DAC7634 offers both a differential of the following device in the chain, as shown in reference input, as well as an open-loop configuration Figure 61. around the output amplifier. The open-loop configuration around the output amplifier allows a transistor to be placed within the loop to implement a digitally- programmable, unidirectional current source. Figure 62 and Table 3 provide detailed timing for the The availability of a differential reference allows digital interface of the DAC7634. programmability for both the full-scale and zero-scale currents. The output current is calculated as: The DAC7634 input data is in straight binary format. The output voltage is given by Equation 1. Where N is the digital input code. This equation does not include the effects of offset (zero-scale) or gain (full-scale) errors. 23 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |