Electronic Components Datasheet Search
  English  ▼

X  

DAC7634EB Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7634EB
Description  16-BIT, QUAD VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7634EB Datasheet(HTML) 16 Page - Texas Instruments

Back Button DAC7634EB Datasheet HTML 12Page - Texas Instruments DAC7634EB Datasheet HTML 13Page - Texas Instruments DAC7634EB Datasheet HTML 14Page - Texas Instruments DAC7634EB Datasheet HTML 15Page - Texas Instruments DAC7634EB Datasheet HTML 16Page - Texas Instruments DAC7634EB Datasheet HTML 17Page - Texas Instruments DAC7634EB Datasheet HTML 18Page - Texas Instruments DAC7634EB Datasheet HTML 19Page - Texas Instruments DAC7634EB Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
www.ti.com
–2
–3
–4
–5
R
LOAD (kΩ)
0.001
0.01
1
0.1
100
10
1000
Source
Sink
2
1.5
1
0.5
0
Digital Input Code
0000
H
2000
H
4000
H
6000
H
8000
H
A000
H
C000
H
E000
H
FFFF
H
No Load
All DACs
One DAC
Large−Signal Settling Time: 1V/div
Small−Signal Settling Time:
2LSB/div
+5V
LDAC
0
Time (2
µs/div)
+5V
LDAC
0
Large−Signal Settling Time: 1V/div
Small−Signal Settling Time: 2LSB/div
Time (2
µs/div)
THEORY OF OPERATION
DAC7634
SBAS134B – JULY 2004 – REVISED DECEMBER 2005
TYPICAL PERFORMANCE CURVES: V
SS = –5 V (continued)
At T
A = 25°C, VDD = VCC = 5 V, VREFH = 2.5 V, VREFL = 0 V, representative unit, unless otherwise specified.
VOUT vs RLOAD
POSITIVE SUPPLY CURRENT
vs DIGITAL INPUT CODE
Figure 44.
Figure 45.
OUTPUT VOLTAGE vs SETTLING TIME
OUTPUT VOLTAGE vs SETTLING TIME
(–2.5 V TO 2.5 V)
(2.5 V TO –2.5 V)
Figure 46.
Figure 47.
The DAC7634 is a quad voltage output, 16-bit
The digital input is a 24-bit serial word that contains a
digital-to-analog converter (DAC). The architecture is
2-bit address code for selecting one of four DACs, a
an R-2R ladder configuration with the three MSBs
quick load bit, five unused bits, and the 16-bit DAC
segmented, followed by an operational amplifier that
code (MSB first). The converters can be powered
serves as a buffer. Each DAC has its own R-2R
from either a single 5-V supply or a dual ±5-V supply.
ladder
network,
segmented
MSBs,
and
output
The device offers a reset function which immediately
operational amplifier, as shown in Figure 48. The
sets all DAC output voltages and DAC registers to
minimum voltage output (zero-scale) and maximum
mid-scale code 8000H or to zero-scale, code 0000H.
voltage output (full-scale) are set by the external
See Figure 49 and Figure 50 for the basic operation
voltage references (VREFL and VREFH, respectively).
of the DAC7634.
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com