Electronic Components Datasheet Search
  English  ▼

X  

DAC7634EB Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7634EB
Description  16-BIT, QUAD VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7634EB Datasheet(HTML) 19 Page - Texas Instruments

Back Button DAC7634EB Datasheet HTML 15Page - Texas Instruments DAC7634EB Datasheet HTML 16Page - Texas Instruments DAC7634EB Datasheet HTML 17Page - Texas Instruments DAC7634EB Datasheet HTML 18Page - Texas Instruments DAC7634EB Datasheet HTML 19Page - Texas Instruments DAC7634EB Datasheet HTML 20Page - Texas Instruments DAC7634EB Datasheet HTML 21Page - Texas Instruments DAC7634EB Datasheet HTML 22Page - Texas Instruments DAC7634EB Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
www.ti.com
V
OUTA Sense
V
OUTA
AGND
V
SS
V
REFL AB Sense
V
REFL AB
V
REFH AB
V
REFH AB Sense
V
OUTB Sense
V
OUTB
48
47
46
45
44
43
42
41
40
39
DAC7634
R
W1
R
W2
+2.5V
+V
V
OUT
R
W1
R
W2
V
OUT
REFERENCE INPUTS
+2.5V
+V
–2.5V
–V
V
OUT
–5V
V
OUT
V
OUTA Sense
V
OUTA
AGND
V
SS
V
REFL AB Sense
V
REFL AB
V
REFH AB
V
REFH AB Sense
V
OUTB Sense
V
OUTB
48
47
46
45
44
43
42
41
40
39
DAC7634
1000pF
1000pF
2200pF
+V
OPA2234
–V
100
Ω
100
Ω
2200pF
DAC7634
SBAS134B – JULY 2004 – REVISED DECEMBER 2005
VREFL. The minimum output of each DAC is equal to
VREFL plus a small offset voltage (essentially, the
offset of the output operational amp). The maximum
output is equal to VREFH plus a similar offset voltage.
Note that VSS (the negative power supply) must either
be connected to ground or must be in the range of
–4.75 V to –5.25 V. The voltage on VSS sets several
bias points within the converter. If VSS is not in one of
these two configurations, the bias values may be in
error and proper operation of the device is not
specified.
The current into the VREFH input and out of VREFL
depends on the DAC output voltages, and can vary
from a few microamps to approximately 0.5 mA. The
reference input appears as a varying load to the
reference. If the reference can sink or source the
Figure 51. Analog Output Closed-Loop
required current, a reference buffer is not required.
Configuration(1/2 DAC7634)
The DAC7634 features a reference drive and sense
(RW Represents Wiring Resistances)
connection such that the internal errors caused by the
changing
reference
current
and
the
circuit
impedances can be minimized. Figure 52 through
Figure 60 show different reference configurations,
and the effect on the linearity and differential linearity.
The reference inputs, VREFL and VREFH, can be any
voltage between VSS + 2.5 V and VCC – 2.5 V,
provided that VREFH is at least 1.25 V greater than
Figure 52. Dual Supply Configuration-Buffered References, Used for Dual Supply Performance
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com