Electronic Components Datasheet Search
  English  ▼

X  

DAC7634EB Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7634EB
Description  16-BIT, QUAD VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7634EB Datasheet(HTML) 11 Page - Texas Instruments

Back Button DAC7634EB Datasheet HTML 7Page - Texas Instruments DAC7634EB Datasheet HTML 8Page - Texas Instruments DAC7634EB Datasheet HTML 9Page - Texas Instruments DAC7634EB Datasheet HTML 10Page - Texas Instruments DAC7634EB Datasheet HTML 11Page - Texas Instruments DAC7634EB Datasheet HTML 12Page - Texas Instruments DAC7634EB Datasheet HTML 13Page - Texas Instruments DAC7634EB Datasheet HTML 14Page - Texas Instruments DAC7634EB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
www.ti.com
+5V
LDAC
0
8000
H to 7FFFH
Time (1
µs/div)
+5V
LDAC
0
7FFF
H to 8000H
Time (1
µs/div)
Time (10
µs/div)
H
1000
100
10
Frequency (Hz)
10
100
1000
10000
100000
1000000
5
4
3
2
1
0
R
LOAD (kΩ)
0.001
0.01
0.1
1
10
100
1000
Source
Sink
DAC7634
SBAS134B – JULY 2004 – REVISED DECEMBER 2005
TYPICAL PERFORMANCE CURVES: V
SS = 0 V (continued)
At T
A = 25°C, VDD = VCC = 5 V, VREFH = 2.5 V, VREFL = 0 V, representative unit, unless otherwise specified.
OUTPUT VOLTAGE
OUTPUT VOLTAGE
vs MIDSCALE GLITCH PERFORMANCE
vs MIDSCALE GLITCH PERFORMANCE
Figure 21.
Figure 22.
BROADBAND NOISE
OUTPUT NOISE VOLTAGE vs FREQUENCY
Figure 23.
Figure 24.
VOUT
vs
RLOAD
Figure 25.
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com