Electronic Components Datasheet Search
  English  ▼

X  

DAC7634EB Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7634EB
Description  16-BIT, QUAD VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7634EB Datasheet(HTML) 10 Page - Texas Instruments

Back Button DAC7634EB Datasheet HTML 6Page - Texas Instruments DAC7634EB Datasheet HTML 7Page - Texas Instruments DAC7634EB Datasheet HTML 8Page - Texas Instruments DAC7634EB Datasheet HTML 9Page - Texas Instruments DAC7634EB Datasheet HTML 10Page - Texas Instruments DAC7634EB Datasheet HTML 11Page - Texas Instruments DAC7634EB Datasheet HTML 12Page - Texas Instruments DAC7634EB Datasheet HTML 13Page - Texas Instruments DAC7634EB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
www.ti.com
0.00
–0.05
–0.10
–0.15
–0.20
–0.25
–0.30
0000
H
2000
H
4000
H
6000
H
8000
H
Digital Input Code
A000
H
C000
H
E000
H
FFFF
H
0.30
0.25
0.20
0.15
0.10
0.05
0.00
0000
H
2000
H
4000
H
6000
H
8000
H
Digital Input Code
A000
H
C000
H
E000
H
FFFF
H
2
1.5
1
0.5
0
Temperature
〈°C)
–40 –30
–10
0
–20
10
20
40
50
30
70
80
90
60
Data = FFFF
H
No Load
(all DACs)
2
1.5
1
0.5
0
Digital Input Code
0000
H
2000
H
4000
H
6000
H
8000
H
A000
H
C000
H
E000H FFFFH
No Load
All DACs
One DAC
+5V
LDAC
0
Large−Signal Settling Time: 0.5V/div
Small−Signal Settling Time: 4LSB/div
Time (2
µs/div)
+5V
LDAC
0
Large−Signal Settling Time: 0.5V/div
Small−Signal Settling Time: 4LSB/div
Time (2
µs/div)
DAC7634
SBAS134B – JULY 2004 – REVISED DECEMBER 2005
TYPICAL PERFORMANCE CURVES: V
SS = 0 V (continued)
At T
A = 25°C, VDD = VCC = 5 V, VREFH = 2.5 V, VREFL = 0 V, representative unit, unless otherwise specified.
VREFH CURRENT vs CODE
VREFL CURRENT vs CODE
(ALL DACs SENT TO INDICATED CODE)
(ALL DACs SENT TO INDICATED CODE)
Figure 15.
Figure 16.
POWER SUPPLY CURRENT
POSITIVE SUPPLY CURRENT
vs TEMPERATURE
vs DIGITAL INPUT CODE
Figure 17.
Figure 18.
OUTPUT VOLTAGE vs SETTLING TIME
OUTPUT VOLTAGE vs SETTLING TIME
(0 V TO 2.5 V)
(2.5 V TO 2 mV)
Figure 19.
Figure 20.
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com