Electronic Components Datasheet Search
  English  ▼

X  

DAC7634EB Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7634EB
Description  16-BIT, QUAD VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7634EB Datasheet(HTML) 12 Page - Texas Instruments

Back Button DAC7634EB Datasheet HTML 8Page - Texas Instruments DAC7634EB Datasheet HTML 9Page - Texas Instruments DAC7634EB Datasheet HTML 10Page - Texas Instruments DAC7634EB Datasheet HTML 11Page - Texas Instruments DAC7634EB Datasheet HTML 12Page - Texas Instruments DAC7634EB Datasheet HTML 13Page - Texas Instruments DAC7634EB Datasheet HTML 14Page - Texas Instruments DAC7634EB Datasheet HTML 15Page - Texas Instruments DAC7634EB Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
www.ti.com
TYPICAL PERFORMANCE CURVES: V
SS = –5 V
0000
H
2000
H
4000
H
6000
H
8000
H
Digital Input Code
A000
H
C000
H
E000
H
FFFF
H
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
0000
H
2000
H
4000
H
6000
H
8000
H
Digital Input Code
A000
H
C000
H
E000
H
FFFF
H
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
0000
H
2000
H
4000
H
6000
H
8000
H
A000
H
C000
H
E000
H
FFFF
H
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
0000
H
2000
H
4000
H
6000
H
8000
H
Digital Input Code
A000
H
C000
H
E000
H
FFFF
H
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
DAC7634
SBAS134B – JULY 2004 – REVISED DECEMBER 2005
At T
A = 25°C, VDD = VCC = 5 V, VREFH = 2.5 V, VREFL = 0 V, representative unit, unless otherwise specified.
LINEARITY ERROR AND
LINEARITY ERROR AND
DIFFERENTIAL LINEARITY ERROR vs CODE
DIFFERENTIAL LINEARITY ERROR vs CODE
(DAC A, 25°C)
(DAC B, 25°C)
Figure 26.
Figure 27.
LINEARITY ERROR AND
LINEARITY ERROR AND
DIFFERENTIAL LINEARITY ERROR vs CODE
DIFFERENTIAL LINEARITY ERROR vs CODE
(DAC C, 25°C)
(DAC D, 25°C)
Figure 28.
Figure 29.
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com