Electronic Components Datasheet Search
  English  ▼

X  

DAC7634EB Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7634EB
Description  16-BIT, QUAD VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7634EB Datasheet(HTML) 25 Page - Texas Instruments

Back Button DAC7634EB Datasheet HTML 21Page - Texas Instruments DAC7634EB Datasheet HTML 22Page - Texas Instruments DAC7634EB Datasheet HTML 23Page - Texas Instruments DAC7634EB Datasheet HTML 24Page - Texas Instruments DAC7634EB Datasheet HTML 25Page - Texas Instruments DAC7634EB Datasheet HTML 26Page - Texas Instruments DAC7634EB Datasheet HTML 27Page - Texas Instruments DAC7634EB Datasheet HTML 28Page - Texas Instruments DAC7634EB Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 31 page
background image
www.ti.com
I
OUT +
2.5 V * 0.5 V
125 W
N
65, 536
)
0.5 V
125 W
(3)
DAC7634
SBAS134B – JULY 2004 – REVISED DECEMBER 2005
Table 3. Timing Specifications (TA = –40°C to 85°C)
SYMBOL
DESCRIPTION
MIN
UNITS
tDS
Data Valid to CLK Rising
10
ns
tDH
Data Held Valid after CLK Rises
20
ns
tCH
CLK HIGH
25
ns
tCL
CLK LOW
25
ns
tCSS
CS LOW to CLK Rising
15
ns
tCSH
CLK HIGH to CS Rising
0
ns
tLD1
LOAD HIGH to CLK Rising
10
ns
tLD2
CLK Rising to LOAD LOW
30
ns
tLDRW
LOAD LOW Time
30
ns
tLDDL
LDAC LOW Time
100
ns
tLDDH
LDAC HIGH Time
150
ns
tLDDD
LDAC Rising from LOAD LOW
40
ns
tRSSS
RESETSEL Valid to RESET HIGH
0
ns
tRSSH
RESET HIGH to RESETSEL Not Valid
100
ns
tRSTL
RESET LOW Time
10
ns
tRSTH
RESET HIGH Time
10
ns
tS
Settling Time
10
µs
Figure 65 shows a DAC7634 in a 4-mA to 20-mA current output configuration. The output current can be
determined by Equation 3:
At full-scale, the output current is 16 mA, plus the 4 mA, for the zero current. At zero scale, the output current is
the offset current of 4 mA (0.5 V/125
Ω).
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com