Electronic Components Datasheet Search
  English  ▼

X  

DP83846 Datasheet(PDF) 24 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83846
Description  DsPHYTER ?좸ingle 10/100 Ethernet Transceiver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83846 Datasheet(HTML) 24 Page - National Semiconductor (TI)

Back Button DP83846 Datasheet HTML 20Page - National Semiconductor (TI) DP83846 Datasheet HTML 21Page - National Semiconductor (TI) DP83846 Datasheet HTML 22Page - National Semiconductor (TI) DP83846 Datasheet HTML 23Page - National Semiconductor (TI) DP83846 Datasheet HTML 24Page - National Semiconductor (TI) DP83846 Datasheet HTML 25Page - National Semiconductor (TI) DP83846 Datasheet HTML 26Page - National Semiconductor (TI) DP83846 Datasheet HTML 27Page - National Semiconductor (TI) DP83846 Datasheet HTML 28Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 59 page
background image
24
www.national.com
A polarity reversal can be caused by a wiring error at either
end of the cable, usually at the Main Distribution Frame
(MDF) or patch panel in the wiring closet.
The inverse polarity condition is latched in the 10BTSCR
register. The DP83846A's 10BASE-T transceiver module
corrects for this error internally and will continue to decode
received data correctly. This eliminates the need to correct
the wiring error immediately.
The user is cautioned that if Auto Polarity Detection and
Correction is disabled and inverted Polarity is detected but
not corrected, the DsPHYTER may falsely report Good
Link status and allow Transmission and Reception of
inverted data. It is recommended that Auto Polarity Detec-
tion and Correction not be disabled during normal opera-
tion.
3.4.7 Transmit and Receive Filtering
External 10BASE-T filters are not required when using the
DP83846A, as the required signal conditioning is inte-
grated into the device.
Only isolation/step-up transformers and impedance match-
ing resistors are required for the 10BASE-T transmit and
receive interface. The internal transmit filtering ensures
that all the harmonics in the transmit signal are attenuated
by at least 30 dB.
3.4.8 Transmitter
The encoder begins operation when the Transmit Enable
input (TX_EN) goes high and converts NRZ data to pre-
emphasized Manchester data for the transceiver. For the
duration of TX_EN, the serialized Transmit Data (TXD) is
encoded for the transmit-driver pair (TD
±). TXD must be
valid on the rising edge of Transmit Clock (TX_CLK). Trans-
mission ends when TX_EN deasserts. The last transition is
always positive; it occurs at the center of the bit cell if the
last bit is a one, or at the end of the bit cell if the last bit is a
zero.
3.4.9 Receiver
The decoder consists of a differential receiver and a PLL to
separate a Manchester encoded data stream into internal
clock signals and data. The differential input must be exter-
nally terminated with a differential 100
Ω termination net-
work to accommodate UTP cable. The impedance of RD
(typically 1.1K
Ω) is in parallel with the two 54.9Ω resistors
as is shown in Figure 9 below to approximate the 100
Ω
termination.
The decoder detects the end of a frame when no additional
mid-bit transitions are detected. Within one and a half bit
times after the last bit, carrier sense is de-asserted.
3.5 TPI Network Circuit
Figure 9 shows the recommended circuit for a 10/100 Mb/s
twisted pair interface. Below is a partial list of recom-
mended transformers. Is is important that the user realize
that variations with PCB and component characteristics
requires that the application be tested to ensure that the
circuit meets the requirements of the intended application.
Pulse H1012B
Halo TG22-S052ND
Valor PT4171
BELFUSE S558-5999-K2
BELFUSE S558-5999-46
Figure 9. 10/100 Mb/s Twisted Pair Interface
RJ45
RD-
RD+
TD-
TD+
RD-
RD+
TD-
TD+
1:1
49.9
Ω 49.9 Ω
0.1 F*
T1
1:1
COMMON MODE CHOKES
MAY BE REQUIRED.
54.9
Ω 54.9Ω
0.1
µF
0.1 F*
Vdd
* PLACE CAPACITORS
CLOSE TO THE
TRANSFORMER CENTER
TAPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com