Electronic Components Datasheet Search
  English  ▼

X  

DP83846 Datasheet(PDF) 43 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83846
Description  DsPHYTER ?좸ingle 10/100 Ethernet Transceiver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83846 Datasheet(HTML) 43 Page - National Semiconductor (TI)

Back Button DP83846 Datasheet HTML 39Page - National Semiconductor (TI) DP83846 Datasheet HTML 40Page - National Semiconductor (TI) DP83846 Datasheet HTML 41Page - National Semiconductor (TI) DP83846 Datasheet HTML 42Page - National Semiconductor (TI) DP83846 Datasheet HTML 43Page - National Semiconductor (TI) DP83846 Datasheet HTML 44Page - National Semiconductor (TI) DP83846 Datasheet HTML 45Page - National Semiconductor (TI) DP83846 Datasheet HTML 46Page - National Semiconductor (TI) DP83846 Datasheet HTML 47Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 59 page
background image
43
www.national.com
Table 23. CD Test Register (CDCTRL), Address 0x1B
Bit
Bit Name
Default
Description
15
CD_ENABLE
1, RW
CD Enable:
1 = CD Enabled - power-down mode, outputs high impedance.
0 = CD Disabled.
14
DCDCOMP
0, RW
Duty Cycle Distortion Compensation:
1 = Increases the amount of DCD compensation.
13
FIL_TTL
0, RW
Waveshaper Current Source Test:
To check ability of waveshaper current sources to switch on/off.
1 = Test mode; waveshaping is done, but the output is a square
wave. All sources are either on or off.
0 = Normal mode; sinusoidal.
12
RESERVED
none, RW
Reserved: This bit should be written with a 0 if write access is re-
quired on this register.
11
RISETIME
Strap, RW
CD Rise Time Control:
10
RESERVED
none, RW
Reserved: This bit should be written with a 0 if write access is re-
quired on this register.
9
FALLTIME
Strap, RW
CD Fall Time Control:
8
CDTESTEN
0, RW
CD Test Mode Enable:
1 = Enable CD test mode - differs based on speed of operation
(10/100Mb).
0 = Normal operation.
7:5
RESERVED[2:0]
000, RW
RESERVED:
Must be zero.
4
CDPATTEN_10
0, RW
CD Pattern Enable for 10meg:
1 = Enabled.
0 = Disabled.
3
CDPATTEN_100
0, RW
CD Pattern Enable for 100meg:
1 = Enabled.
0 = Disabled.
2
10MEG_PATT_GAP
0, RW
Defines gap between data or NLP test sequences:
1 = 15
µs.
0 = 10
µs.
1:0
CDPATTSEL[1:0]
00, RW
CD Pattern Select[1:0]:
If CDPATTEN_100 = 1:
00 = All 0’s (True quiet)
01 = All 1’s
10 = 2 1’s, 2 0’s repeating pattern
11 = 14 1’s, 6 0’s repeating pattern
If CDPATTEN_10 = 1:
00 = Data, EOP0 sequence
01 = Data, EOP1 sequence
10 = NLPs
11 = Constant Manchester 1s (10mhz sine wave) for harmonic dis-
tortion testing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com