Electronic Components Datasheet Search
  English  ▼

X  

DP83846 Datasheet(PDF) 45 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83846
Description  DsPHYTER ?좸ingle 10/100 Ethernet Transceiver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83846 Datasheet(HTML) 45 Page - National Semiconductor (TI)

Back Button DP83846 Datasheet HTML 41Page - National Semiconductor (TI) DP83846 Datasheet HTML 42Page - National Semiconductor (TI) DP83846 Datasheet HTML 43Page - National Semiconductor (TI) DP83846 Datasheet HTML 44Page - National Semiconductor (TI) DP83846 Datasheet HTML 45Page - National Semiconductor (TI) DP83846 Datasheet HTML 46Page - National Semiconductor (TI) DP83846 Datasheet HTML 47Page - National Semiconductor (TI) DP83846 Datasheet HTML 48Page - National Semiconductor (TI) DP83846 Datasheet HTML 49Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 59 page
background image
45
www.national.com
Note: For Idd Measurements, outputs are not loaded.
RINdiff
RD
+/−
Differential Input
Resistance
1.1
k
Ω
VTPTD_100
TD
+/−
100M Transmit
Voltage
.95
1
1.05
V
VTPTDsym
TD
+/−
100M Transmit
Voltage Symmetry
±2
%
VTPTD_10
TD
+/−
10M Transmit
Voltage
2.2
2.5
2.8
V
CIN1
I
CMOS Input
Capacitance
Parameter is not
100% tested
8pF
SDTHon
RD
+/−
100BASE-TX
Signal detect turn-
on threshold
1000
mV diff pk-pk
SDTHoff
RD
+/−
100BASE-TX
Signal detect turn-
off threshold
200
mV diff pk-pk
VTH1
RD
+/−
10BASE-T Re-
ceive Threshold
300
585
mV
Idd100
Supply
100BASE-TX
(Full Duplex)
IOUT = 0 mA
See Note
150
200
mA
Idd10
Supply
10BASE-T
(Full Duplex)
IOUT = 0 mA
See Note
100
130
mA
Symbol
Pin Types
Parameter
Conditions
Min
Typ
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com