Electronic Components Datasheet Search
  English  ▼

X  

DP83846 Datasheet(PDF) 56 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83846
Description  DsPHYTER ?좸ingle 10/100 Ethernet Transceiver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83846 Datasheet(HTML) 56 Page - National Semiconductor (TI)

Back Button DP83846 Datasheet HTML 51Page - National Semiconductor (TI) DP83846 Datasheet HTML 52Page - National Semiconductor (TI) DP83846 Datasheet HTML 53Page - National Semiconductor (TI) DP83846 Datasheet HTML 54Page - National Semiconductor (TI) DP83846 Datasheet HTML 55Page - National Semiconductor (TI) DP83846 Datasheet HTML 56Page - National Semiconductor (TI) DP83846 Datasheet HTML 57Page - National Semiconductor (TI) DP83846 Datasheet HTML 58Page - National Semiconductor (TI) DP83846 Datasheet HTML 59Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 56 / 59 page
background image
56
www.national.com
6.6 Reset Timing
Note: Software Reset should be initiated no sooner then 500
µs after power-up or the deassertion of hardware reset.
Note: It is important to choose pull-up and/or pull-down resistors for each of the hardware configuration pins that provide
fast RC time constants in order to latch-in the proper value prior to the pin transitioning to an output driver.
Parameter
Description
Notes
Min
Typ
Max
Units
T6.1.1
Post RESET Stabilization time
prior to MDC preamble for reg-
ister accesses
MDIO is pulled high for 32-bit serial man-
agement initialization
3
µs
T6.1.2
Hardware Configuration Latch-
in Time from the Deassertion of
RESET (either soft or hard)
Hardware Configuration Pins are de-
scribed in the Pin Description section
3
µs
T6.1.3
Hardware Configuration pins
transition to output drivers
3.5
µs
T6.1.4
RESET pulse width
160
µs
VCC
HARDWARE
RSTN
MDC
32 CLOCKS
Latch-In of Hardware
Configuration Pins
Dual Function Pins
Become Enabled As Outputs
INPUT
OUTPUT
T6.1.3
T6.1.2
T6.1.1
T6.1.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com