Electronic Components Datasheet Search
  English  ▼

X  

DP83846 Datasheet(PDF) 44 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83846
Description  DsPHYTER ?좸ingle 10/100 Ethernet Transceiver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83846 Datasheet(HTML) 44 Page - National Semiconductor (TI)

Back Button DP83846 Datasheet HTML 40Page - National Semiconductor (TI) DP83846 Datasheet HTML 41Page - National Semiconductor (TI) DP83846 Datasheet HTML 42Page - National Semiconductor (TI) DP83846 Datasheet HTML 43Page - National Semiconductor (TI) DP83846 Datasheet HTML 44Page - National Semiconductor (TI) DP83846 Datasheet HTML 45Page - National Semiconductor (TI) DP83846 Datasheet HTML 46Page - National Semiconductor (TI) DP83846 Datasheet HTML 47Page - National Semiconductor (TI) DP83846 Datasheet HTML 48Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 59 page
background image
44
www.national.com
6.0 Electrical Specifications
Absolute Maximum Ratings
Recommended Operating Conditions
Absolute maximum ratings are those values beyond which
the safety of the device cannot be guaranteed. They are
not meant to imply that the device should be operated at
these limits.
6.1 DC Electrical Specification
Supply Voltage (VCC)
-0.5 V to 4.2 V
DC Input Voltage (VIN)
-0.5V to 5.5V
DC Output Voltage (VOUT)
-0.5V to 5.5V
Storage Temperature (TSTG)
-65oC to 150˚C
Power Dissipation (PD)
TBD W
Lead Temp. (TL)
(Soldering, 10 sec)
260˚C
ESD Rating
(RZAP = 1.5k, CZAP = 120 pF)
1.0 kV
Supply voltage (VCC)
3.3 Volts + 0.3V
Ambient Temperature (TA)
0 to 70 ˚C
Max. die temperature (Tj)
107˚C
Max case temp
96˚C
Thermal Characteristic
Max
Units
Theta Junction to Case (Tjc)
15
˚C / W
Theta Junction to Ambient (Tja) degrees Celsius/Watt - No Airflow @ 1.0W
51
˚C / W
Theta Junction to Ambient (Tja) degrees Celsius/Watt - 225 LFPM Airflow @ 1.0W
42
˚C / W
Theta Junction to Ambient (Tja) degrees Celsius/Watt - 500 LFPM Airflow @ 1.0W
37
˚C / W
Theta Junction to Ambient (Tja) degrees Celsius/Watt - 900 LFPM Airflow @ 1.0W
33
˚C / W
Symbol
Pin Types
Parameter
Conditions
Min
Typ
Max
Units
VIH
I
I/O
Input High Voltage Nominal VCC
2.0
V
VIL
I
I/O
Input Low Voltage
0.8
V
IIH
I
I/O
Input High Current VIN = VCC
10
µA
IIL
I
I/O
Input Low Current VIN = GND
10
µA
VOL
O,
I/O
Output Low
Voltage
IOL = 4 mA
0.4
V
VOH
O,
I/O
Output High
Voltage
IOH = -4 mA
VCC - 0.5
V
VledOL
LED
SPEED10
Output Low
Voltage
IOL = 2.5 mA
0.4
V
VledOH
LED
SPEED10
Output High
Voltage
IOH = -2.5 mA
VCC - 0.5
V
IOZH
I/O,
O
TRI-STATE
Leakage
VOUT = VCC
10
µA
I5IH
I/O,
O
5 Volt Tolerant
MII Leakage
VIN = 5.25 V
10
µA
I5OZH
I/O,
O
5 Volt Tolerant
MII Leakage
VOUT = 5.25 V
10
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com