Electronic Components Datasheet Search
  English  ▼

X  

DP83846 Datasheet(PDF) 49 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83846
Description  DsPHYTER ?좸ingle 10/100 Ethernet Transceiver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83846 Datasheet(HTML) 49 Page - National Semiconductor (TI)

Back Button DP83846 Datasheet HTML 45Page - National Semiconductor (TI) DP83846 Datasheet HTML 46Page - National Semiconductor (TI) DP83846 Datasheet HTML 47Page - National Semiconductor (TI) DP83846 Datasheet HTML 48Page - National Semiconductor (TI) DP83846 Datasheet HTML 49Page - National Semiconductor (TI) DP83846 Datasheet HTML 50Page - National Semiconductor (TI) DP83846 Datasheet HTML 51Page - National Semiconductor (TI) DP83846 Datasheet HTML 52Page - National Semiconductor (TI) DP83846 Datasheet HTML 53Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 59 page
background image
49
www.national.com
6.4.5 100BASE-TX Transmit Timing (tR/F & Jitter)
Note: Normal Mismatch is the difference between the maximum and minimum of all rise and fall times.
Note: Rise and fall times taken at 10% and 90% of the +1 or -1 amplitude.
Parameter
Description
Notes
Min
Typ
Max
Units
T4.5.1
100 Mb/s TD
± t
R and tF
34
5
ns
100 Mb/s tR and tF Mismatch
500
ps
T4.5.2
100 Mb/s TD
± Transmit Jitter
1.4
ns
TD
±
T4.5.1
T4.5.1
T4.5.1
T4.5.1
+1 rise
+1 fall
-1 fall
-1 rise
TD
±
eye pattern
T4.5.2
T4.5.2
90%
10%
10%
90%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com