Electronic Components Datasheet Search
  English  ▼

X  

CDCE937 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE937
Description  PROGRAMMABLE 3-PLL VCXO CLOCK SYNTHESIZER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCE937 Datasheet(HTML) 21 Page - Texas Instruments

Back Button CDCE937 Datasheet HTML 17Page - Texas Instruments CDCE937 Datasheet HTML 18Page - Texas Instruments CDCE937 Datasheet HTML 19Page - Texas Instruments CDCE937 Datasheet HTML 20Page - Texas Instruments CDCE937 Datasheet HTML 21Page - Texas Instruments CDCE937 Datasheet HTML 22Page - Texas Instruments CDCE937 Datasheet HTML 23Page - Texas Instruments CDCE937 Datasheet HTML 24Page - Texas Instruments CDCE937 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
CDCE937-Q1
CDCEL937-Q1
www.ti.com
SCAS892B – FEBRUARY 2010 – REVISED MAY 2010
Table 12. PLL3 Configuration Register
OFFSET(1)
Bit(2)
Acronym
Default(3)
DESCRIPTION
7:5
SSC3_7 [2:0]
000b
SSC3: PLL3 SSC Selection (Modulation Amount)(4)
30h
4:2
SSC3_6 [2:0]
000b
Down
Center
000 (off)
000 (off)
1:0
SSC3_5 [2:1]
001 – 0.25%
001 ± 0.25%
000b
010 – 0.5%
010 ± 0.5%
7
SSC3_5 [0]
011 – 0.75%
011 ± 0.75%
6:4
SSC3_4 [2:0]
000b
100 – 1.0%
100 ± 1.0%
31h
101 – 1.25%
101 ± 1.25%
3:1
SSC3_3 [2:0]
000b
110 – 1.5%
110 ± 1.5%
0
SSC3_2 [2]
111 – 2.0%
111 ± 2.0%
000b
7:6
SSC3_2 [1:0]
32h
5:3
SSC3_1 [2:0]
000b
2:0
SSC3_0 [2:0]
000b
7
FS3_7
0b
FS3_x: PLL3 Frequency Selection(4)
6
FS3_6
0b
0 – fVCO3_0 (predefined by PLL3_0 – Multiplier/Divider value)
1 – fVCO3_1 (predefined by PLL3_1 – Multiplier/Divider value)
5
FS3_5
0b
4
FS3_4
0b
33h
3
FS3_3
0b
2
FS3_2
0b
1
FS3_1
0b
0
FS3_0
0b
0 – PLL3
7
MUX3
1b
PLL3 Multiplexer:
1 – PLL3 Bypass (PLL3 is in power down)
0 – Pdiv4
6
M6
1b
Output Y6 Multiplexer:
1 – Pdiv6
00 – Pdiv4-Divider
01 – Pdiv6-Divider
34h
5:4
M7
10b
Output Y7 Multiplexer:
10 – Pdiv7-Divider
11 – reserved
3:2
Y6Y7_ST1
11b
00 – Y6/Y7 disabled to 3-State and PLL3 power down
Y6,
01 – Y6/Y7 disabled to 3-State
Y7-State0/1definition:
10 –Y6/Y7 disabled to low
1:0
Y6Y7_ST0
01b
11 – Y6/Y7 enabled
7
Y6Y7_7
0b
Y6Y7_x Output State Selection(4)
6
Y6Y7_6
0b
0 – state0 (predefined by Y6Y7_ST0)
1 – state1 (predefined by Y6Y7_ST1)
5
Y6Y7_5
0b
4
Y6Y7_4
0b
35h
3
Y6Y7_3
0b
2
Y6Y7_2
0b
1
Y6Y7_1
1b
0
Y6Y7_0
0b
(1)
Writing data beyond 40h may affect device function.
(2)
All data is transferred MSB-first.
(3)
Unless a custom setting is used
(4)
These are the bits of the Control Terminal Register. The user can pre-define up to eight different control settings. At normal device
operation, these setting can be selected by the external control pins, S0, S1, and S2.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): CDCE937-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com