| Electronic Components Datasheet Search |
|
CDCE937 Datasheet(PDF) 12 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
CDCE937 Datasheet(HTML) 12 Page - Texas Instruments |
|
12 / 30 page ![]() CDCE937-Q1 CDCEL937-Q1 SCAS892B – FEBRUARY 2010 – REVISED MAY 2010 www.ti.com SDA/SCL SERIAL INTERFACE The CDCE937/CDCEL937 operates as a slave device of the 2-wire serial SDA/SCL bus, compatible with the popular SMBus or I2C specification. It operates in the standard-mode transfer (up to 100kbit/s) and fast-mode transfer (up to 400kbit/s) and supports 7-bit addressing. The S1/SDA and S2/SCL pins of the CDC9xx are dual function pins. In the default configuration they are used as SDA/SCL serial programming interface. They can be re-programmed as general purpose control pins, S1 and S2, by changing the corresponding EEPROM setting, Byte 02, Bit [6]. DATA PROTOCOL The device supports Byte Write and Byte Read and Block Write and Block Read operations. For Byte Write/Read operations, the system controller can individually access addressed bytes. For Block Write/Read operations, the bytes are accessed in sequential order from lowest to highest byte (with most significant bit first) with the ability to stop after any complete byte has been transferred. The numbers of Bytes read-out are defined by Byte Count in the Generic Configuration Register. At Block Read instruction all bytes defined in the Byte Count has to be readout to correctly finish the read cycle. Once a byte has been sent, it is written into the internal register and is effective immediately. This applies to each transferred byte independent of whether this is a Byte Write or a Block Write sequence. If the EEPROM Write Cycle is initiated, the internal SDA register contents are written into the EEPROM. During this write cycle, data is not accepted at the SDA/SCL bus until the write cycle is completed. However, data can be read during the programming sequence (Byte Read or Block Read). The programming status can be monitored by reading EEPIP, Byte 01–Bit [6]. The offset of the indexed byte is encoded in the command code, as described in Table 5. Table 5. Slave Receiver Address (7 Bits) DEVICE A6 A5 A4 A3 A2 A1(1) A0(1) R/W CDCE913/CDCEL913 1 1 0 0 1 0 1 1/0 CDCE925/CDCEL925 1 1 0 0 1 0 0 1/0 CDCE937/CDCEL937 1 1 0 1 1 0 1 1/0 CDCE949/CDCEL949 1 1 0 1 1 0 0 1/0 (1) Address bits A0 and A1 are programmable via the SDA/SCL bus (Byte 01, Bit [1:0]). This allows addressing up to 4 devices connected to the same SDA/SCL bus. The least-significant bit of the address byte designates a write or read operation. COMMAND CODE DEFINITION Table 6. Command Code Definition BIT DESCRIPTION 0 = Block Read or Block Write operation 7 1 = Byte Read or Byte Write operation (6:0) Byte Offset for Byte Read, Block Read, Byte Write and Block Write operation. 12 Submit Documentation Feedback Copyright © 2010, Texas Instruments Incorporated Product Folder Link(s): CDCE937-Q1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |