Electronic Components Datasheet Search
  English  ▼

X  

CDCE937 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE937
Description  PROGRAMMABLE 3-PLL VCXO CLOCK SYNTHESIZER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCE937 Datasheet(HTML) 1 Page - Texas Instruments

  CDCE937 Datasheet HTML 1Page - Texas Instruments CDCE937 Datasheet HTML 2Page - Texas Instruments CDCE937 Datasheet HTML 3Page - Texas Instruments CDCE937 Datasheet HTML 4Page - Texas Instruments CDCE937 Datasheet HTML 5Page - Texas Instruments CDCE937 Datasheet HTML 6Page - Texas Instruments CDCE937 Datasheet HTML 7Page - Texas Instruments CDCE937 Datasheet HTML 8Page - Texas Instruments CDCE937 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
Xin/Clk 1
20 Xout
S0 2
19 S1/SDA
Vdd 3
18 S2/SCL
Vctr 4
17 Y1
GND 5
16 GND
Vddout 6
15 Y2
Y4 7
14 Y3
Y5 8
13 Vddout
GND 9
12 Y6
Vddout 10
11 Y7
Y4
Y5
VDD
GND
Vctr
Vddout
S2/S1/S0or
SDA/SCL
Y1
VCXO
XO
LVCMOS
3
Y2
Y3
LV
CMOS
LV
CMOS
PLL1
withSSC
LV
CMOS
LV
CMOS
LV
CMOS
PLL2
withSSC
Y6
Y7
LV
CMOS
LV
CMOS
PLL3
withSSC
Divider
and
Output
Control
Programming
and
ControlRegister
EEPROM
CDCE937-Q1
CDCEL937-Q1
www.ti.com
SCAS892B – FEBRUARY 2010 – REVISED MAY 2010
PROGRAMMABLE 3-PLL VCXO CLOCK SYNTHESIZER
WITH 1.8-V, 2.5-V, AND 3.3-V LVCMOS OUTPUTS
Check for Samples: CDCE937-Q1, CDCEL937-Q1
1
FEATURES
•
Qualified for Automotive Applications
•
1.8-V Device Power Supply
•
Member of Programmable Clock Generator
•
Flexible Clock Driver
Family
–
Three User-Definable Control Inputs
–
CDCE913/CDCEL913: 1-PLL, 3 Outputs
[S0/S1/S2]; e.g., SSC Selection, Frequency
Switching, Output Enable or Power Down
–
CDCE925/CDCEL925: 2-PLL, 5 Outputs
–
Generates Highly Accurate Clocks for
–
CDCE937/CDCEL937: 3-PLL, 7 Outputs
Video, Audio, USB, IEEE1394, RFID,
–
CDCE949/CDCEL949: 4-PLL, 9 Outputs
Bluetooth™, WLAN, Ethernet™, and GPS
•
In-System Programmability and EEPROM
–
Generates Common Clock Frequencies
–
Serial Programmable Volatile Register
Used With TI DaVinci™, OMAP™, DSPs
–
Nonvolatile EEPROM to Store Customer
–
Programmable SSC Modulation
Setting
–
Enables 0-PPM Clock Generation
•
Flexible Input Clocking Concept
•
Latch-Up Performance Meets 100 mA
–
External Crystal: 8 MHz to 32 MHz
Per JESD 78, Class I
–
On-Chip VCXO: Pull Range ±150 ppm
•
Wide Temperature Range –40° C to 125° C
–
Single-Ended LVCMOS up to 160 MHz
•
Packaged in TSSOP
•
Selectable Output Frequency up to 230 MHz
•
Development and Programming Kit for Easy
•
Low-Noise PLL Core
PLL Design and Programming (TI Pro-Clock™)
–
Integrated PLL Loop Filter Components
APPLICATIONS
–
Low Period Jitter (Typ 60 ps)
•
D-TV, HD-TV, STB, IP-STB, DVD-Player,
•
Separate Output Supply Pins
DVD-Recorder, Printer
–
CDCE937: 3.3 V and 2.5 V
–
CDCEL937: 1.8 V
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - CDCE937

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCE937 TI-CDCE937 Datasheet
376Kb / 21P
Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCE937 TI-CDCE937 Datasheet
481Kb / 30P
Programmable 3-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V and 3.3-V LVCMOS Outputs
CDCE937 TI1-CDCE937 Datasheet
1Mb / 39P
Flexible Low Power LVCMOS Clock Generator With SSC Support For EMI Reduction
CDCE937 TI2-CDCE937 Datasheet
1Mb / 39P
CDCEx937-Q1 Programmable 3-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V LVCMOS Outputs
REVISED DECEMBER 2016
CDCE937-Q1 TI1-CDCE937-Q1 Datasheet
688Kb / 30P
PROGRAMMABLE 3-PLL VCXO CLOCK SYNTHESIZER WITH 1.8-V, 2.5-V, AND 3.3-V LVCMOS OUTPUTS
More results

Similar Description - CDCE937

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS270 ICST-ICS270 Datasheet
162Kb / 8P
Triple PLL Field Programmable VCXO Clock Synthesizer
Revision 040705
logo
Texas Instruments
CDCE906 TI-CDCE906 Datasheet
1Mb / 33P
PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
CDCE706 TI-CDCE706 Datasheet
1Mb / 32P
PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
logo
Integrated Circuit Syst...
ICS271 ICST-ICS271 Datasheet
170Kb / 8P
Triple PLL Field Programmable VCXO Clock Synthesizer
Revision 040705
ICS275 ICST-ICS275 Datasheet
164Kb / 8P
Triple PLL Field Programmable VCXO Clock Synthesizer
Revision 040805
ICS276 ICST-ICS276 Datasheet
166Kb / 8P
Triple PLL Field Programmable VCXO Clock Synthesizer
Revision 040805
logo
Texas Instruments
CDC706 TI-CDC706 Datasheet
1Mb / 41P
PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
logo
ON Semiconductor
NB3N65027 ONSEMI-NB3N65027 Datasheet
176Kb / 7P
3.3V Programmable 3-PLL Clock Synthesizer
June, 2011 ??Rev. 2
logo
Texas Instruments
CDCE913 TI1-CDCE913_15 Datasheet
1Mb / 35P
Programmable 1-PLL VCXO Clock Synthesizer
CDCE913-Q1 TI1-CDCE913-Q1 Datasheet
897Kb / 27P
Programmable 1-PLL VCXO Clock Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com