Electronic Components Datasheet Search
  English  ▼

X  

CDCE937 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE937
Description  PROGRAMMABLE 3-PLL VCXO CLOCK SYNTHESIZER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCE937 Datasheet(HTML) 6 Page - Texas Instruments

Back Button CDCE937 Datasheet HTML 2Page - Texas Instruments CDCE937 Datasheet HTML 3Page - Texas Instruments CDCE937 Datasheet HTML 4Page - Texas Instruments CDCE937 Datasheet HTML 5Page - Texas Instruments CDCE937 Datasheet HTML 6Page - Texas Instruments CDCE937 Datasheet HTML 7Page - Texas Instruments CDCE937 Datasheet HTML 8Page - Texas Instruments CDCE937 Datasheet HTML 9Page - Texas Instruments CDCE937 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
CDCE937-Q1
CDCEL937-Q1
SCAS892B – FEBRUARY 2010 – REVISED MAY 2010
www.ti.com
DEVICE CHARACTERISTICS
over recommended operating ambient temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
OVERALL PARAMETER
All PLLS on
29
All outputs off, f(CLK) = 27 MHz,
IDD
Supply current (see Figure 3)
mA
f(VCO) = 135 MHz
Per PLL
9
CDCE937,
3.1
VDDOUT = 3.3 V
No load, all outputs on,
IDDOUT
Output supply current (see Figure 4)
mA
fOUT = 27 MHz
CDCEL937,
1.5
VDDOUT = 1.8 V
Power-down current. Every circuit powered
IDD(PD)
fIN = 0 MHz,
VDD = 1.9 V
50
mA
down except SDA/SCL.
Supply voltage Vdd threshold for power-up
V(PUC)
0.85
1.45
V
control circuit
f(VCO)
VCO frequency range of PLL
80
230
MHz
Vddout = 3.3 V
230
fOUT
LVCMOS output frequency
MHz
Vddout = 1.8 V
230
LVCMOS PARAMETER
VIK
LVCMOS input voltage
VDD = 1.7 V; II = –18 mA
–1.2
V
II
LVCMOS Input current
VI = 0 V or VDD; VDD = 1.9 V
±5
mA
IIH
LVCMOS Input current for S0/S1/S2
VI = VDD; VDD = 1.9 V
5
mA
IIL
LVCMOS Input current for S0/S1/S2
VI = 0 V; VDD = 1.9 V
–6
mA
Input capacitance at Xin/Clk
VI(Clk) = 0 V or VDD
6
CI
Input capacitance at Xout
VI(Xout) = 0 V or VDD
2
pF
Input capacitance at S0/S1/S2
VIS = 0 V or VDD
3
LVCMOS PARAMETER FOR Vddout = 3.3 V (CDCE937)
Vddout = 3 V, IOH = –0.1 mA
2.9
VOH
LVCMOS high-level output voltage
Vddout = 3 V, IOH = –8 mA
2.4
V
Vddout = 3 V, IOH = –12 mA
2.2
Vddout = 3 V, IOL = 0.1 mA
0.1
VOL
LVCMOS low-level output voltage
Vddout = 3 V, IOL = 8 mA
0.5
V
Vddout = 3 V, IOL = 12 mA
0.8
tPLH,
Propagation delay
All PLL bypass
3.2
ns
tPHL
tr/tf
Rise and fall time
Vddout= 3.3 V (20%–80%)
0.6
ns
1 PLL switching, Y2-to-Y3
60
90
tjit(cc)
Cycle-to-cycle jitter(2) (3)
ps
3 PLL switching, Y2-to-Y7
100
150
1 PLL switching, Y2-to-Y3
70
100
tjit(per)
Peak-to-peak period jitter(3)
ps
3 PLL switching, Y2-to-Y7
120
180
fOUT = 50 MHz; Y1-to-Y3
60
tsk(o)
Output skew (4) , See Table 2
ps
fOUT = 50 MHz; Y2-to-Y5
160
odc
Output duty cycle (5)
fVCO = 100 MHz; Pdiv = 1
45%
55%
(1)
All typical values are at respective nominal VDD.
(2)
10000 cycles.
(3)
Jitter depends on configuration. Data is taken under the following conditions: 1-PLL : fIN = 27MHz, Y2/3 = 27 MHz, (measured at Y2),
3-PLL: fIN = 27 MHz, Y2/3 = 27 MHz (measured at Y2), Y4/5 = 16.384 MHz, Y6/7 = 74.25 MHz
(4)
The tsk(o) specification is only valid for equal loading of each bank of outputs, and outputs are generated from the same divider; data
taking on rising edge (tr).
(5)
odc depends on output rise and fall time (tr/tf).
6
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): CDCE937-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com