Electronic Components Datasheet Search
  English  ▼

X  

CDCE937 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE937
Description  PROGRAMMABLE 3-PLL VCXO CLOCK SYNTHESIZER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCE937 Datasheet(HTML) 3 Page - Texas Instruments

  CDCE937 Datasheet HTML 1Page - Texas Instruments CDCE937 Datasheet HTML 2Page - Texas Instruments CDCE937 Datasheet HTML 3Page - Texas Instruments CDCE937 Datasheet HTML 4Page - Texas Instruments CDCE937 Datasheet HTML 5Page - Texas Instruments CDCE937 Datasheet HTML 6Page - Texas Instruments CDCE937 Datasheet HTML 7Page - Texas Instruments CDCE937 Datasheet HTML 8Page - Texas Instruments CDCE937 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
EEPROM
Xin/CLK
Xout
VDD
GND
InputClock
Vctr
Vddout
VCXO
XO
LVCMOS
Y1
Y2
LV
CMOS
Pdiv1
10-Bit
Y3
Y4
Y5
Y6
LV
CMOS
Pdiv7
Pdiv6
LV
CMOS
LV
CMOS
Pdiv5
Pdiv4
LV
CMOS
LV
CMOS
Pdiv3
Pdiv2
7-Bit
LV
CMOS
Programming
and
SDA/SCL
Register
Y7
PLL Bypass
PLL1
withSSC
PLL Bypass
PLL 2
withSSC
PLL Bypass
PLL 3
withSSC
S0
S1/SDA
S2/SCL
7-Bit
7-Bit
7-Bit
7-Bit
7-Bit
CDCE937-Q1
CDCEL937-Q1
www.ti.com
SCAS892B – FEBRUARY 2010 – REVISED MAY 2010
Terminal Functions
NAME
PIN TSSOP24
TYPE
DESCRIPTION
Y1, Y2, ...
17, 15, 14, 7,
O
LVCMOS outputs
Y7
8, 12, 11
Xin/CLK
1
I
Crystal oscillator input or LVCMOS clock input (selectable via SDA/SCL bus)
Xout
20
O
Crystal oscillator output (leave open or pull up (~500k) when not used)
VCtrl
4
I
VCXO control voltage (leave open or pull up (~500k) when not used)
VDD
3
Power
1.8-V power supply for the device
CDCEL937: 1.8-V supply for all outputs
Vddout
6, 10, 13
Power
CDCE937: 3.3-V or 2.5-V supply for all outputs
GND
5, 9, 16
Ground
Ground
S0
2
I
User-programmable control input S0; LVCMOS inputs; Internal pullup 500k
SDA: Bidirectional serial data input/output (default configuration). LVCMOS; Internal pullup
SDA/S1
19
I/O or I
500k; or
S1: User-programmable control input; LVCMOS inputs; Internal pullup 500k
SCL: Serial clock input(default configuration), LVCMOS; Internal pullup 500k; or
SCL/S2
18
I
S2: User-programmable control input; LVCMOS inputs; Internal pullup 500k
FUNCTIONAL BLOCK DIAGRAM
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): CDCE937-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com