Electronic Components Datasheet Search
  English  ▼

X  

DP83858VF Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83858VF
Description  100 Mb/s TX/T4 Repeater Interface Controller (100RIC8??
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83858VF Datasheet(HTML) 5 Page - National Semiconductor (TI)

  DP83858VF Datasheet HTML 1Page - National Semiconductor (TI) DP83858VF Datasheet HTML 2Page - National Semiconductor (TI) DP83858VF Datasheet HTML 3Page - National Semiconductor (TI) DP83858VF Datasheet HTML 4Page - National Semiconductor (TI) DP83858VF Datasheet HTML 5Page - National Semiconductor (TI) DP83858VF Datasheet HTML 6Page - National Semiconductor (TI) DP83858VF Datasheet HTML 7Page - National Semiconductor (TI) DP83858VF Datasheet HTML 8Page - National Semiconductor (TI) DP83858VF Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
5
http:\\www.national.com
1.1 Pin Table
Pin Name
Pin No.
Section
/ACTIVEO
110
2.2
/IR_ACTIVE
132
2.2
/IR_BUS_EN
113
2.2
/IR_COL_IN
130
2.2
/IR_COL_OUT
131
2.2
/IRD_ER
19
2.2
/IRD_V
15
2.2
/M_DV
116
2.2
/M_ER
114
2.2
/RST
103
2.4
/SDV
109
2.2
BRDC
104
2.4
CRS[7:0]
37-30
2.1
EE_CK
79
2.3
EE_CS
78
2.3
EE_DI
81
2.3
EE_DO
80
2.3
GND
1, 8, 16, 28, 46, 56, 66,76, 85, 94, 101, 111, 117,123
N/A
GRDIO
105
2.4
IR_VECT[4:0]
125-129
2.2
IRD[3:0]
14-11
2.2
IRD_CK
10
2.2
IRD_ODIR
18
2.4
LCK
100
2.4
M_CK
115
2.2
MD[3:0]
119-122
2.2
MODE[1:0]
83-82
2.4
PART[5:0]
84, 87-91
2.4
RDC
106
2.2
RDIO
107
2.2
RDIR
108
2.4
RID[4:0]
93, 96-99
2.4
RID_ER
92
2.4
RSM[2:0]
74-72
2.4
RSM[3]/ RXECONFIG
20
2.4
RX_DV
25
2.1
RX_ER
26
2.1
RXC
27
2.1
RXD[3:0]
24-21
2.1
RXE[7:0]
51-48, 45-42
2.1
TX_ER
7
2.1
TX_RDY
75
2.1
TXD[3:0]
3-6
2.1
TXE[7:0]
65-58
2.1
VCC
2, 9, 17, 29, 47, 57, 67, 77, 86, 95, 102, 112, 118, 124
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com