Electronic Components Datasheet Search
  English  ▼

X  

DP83858VF Datasheet(PDF) 22 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83858VF
Description  100 Mb/s TX/T4 Repeater Interface Controller (100RIC8??
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83858VF Datasheet(HTML) 22 Page - National Semiconductor (TI)

Back Button DP83858VF Datasheet HTML 18Page - National Semiconductor (TI) DP83858VF Datasheet HTML 19Page - National Semiconductor (TI) DP83858VF Datasheet HTML 20Page - National Semiconductor (TI) DP83858VF Datasheet HTML 21Page - National Semiconductor (TI) DP83858VF Datasheet HTML 22Page - National Semiconductor (TI) DP83858VF Datasheet HTML 23Page - National Semiconductor (TI) DP83858VF Datasheet HTML 24Page - National Semiconductor (TI) DP83858VF Datasheet HTML 25Page - National Semiconductor (TI) DP83858VF Datasheet HTML 26Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
22
http:\\www.national.com
5.2 Repeater ID Interface
The repeater ID interface is shown in Figure 6. It consists
of a bank of DIP switches or links to set the RID number for
the DP83858 to use as its IR_VECT[4:0] number.
5.3 Inter Repeater Bus Connections
For a simple stand-alone repeater that cannot be stacked,
no inter repeater bus transceivers/drivers are required and
the inter repeater bus interface is simple. An example of
this is shown in Figure 7.
For a stackable hub design, the DP83858's Inter Repeater
Bus connections are complex and have many issues
regarding signal timing, loading and layout. An example
design for a TTL level inter repeater bus is given in
Figure 8. It should be noted that this a single example of
possible connections to an inter repeater bus. There are
many other possible ways to design this interface. Design-
ers should be aware that timing, particularly skew between
clock and data, is critical. For this reason, the use of LS, S,
TTL, or CMOS logic drivers is not recommended. The ABT
family of logic is recommended, as well as the FAST® fam-
ily could possibly be made to work too. Also recommended
is the BTL logic transceiver family: this approach has the
advantage of significantly lower noise and may assist in
successful passing of FCC and other EMI tests.
Figure 8 shows the signal connections on the Inter-RIC
bus. The pull up resistors on the DP83858 should be a
minimum of 1.2 k
Ω.
Lower values may be required
depending on layout/loading, especially on the /ACTIVEO
and /IR_ACTIVE signals where short deassertion time is
critical. The value of the pull up resistor terminations on
the inter repeater bus backplane will depend upon the bus
loading. The values should be chosen so that the signals
on the bus have fast enough edges to meet the DP83858
inter repeater bus timings. The inter repeater bus will need
to be terminated properly at each end to prevent signal
reflections from causing problems.
Figure 6. DP83858 Repeater ID Number Interface
Figure 7. DP83858 Stand-alone Inter Repeater Bus Interface
+5V
RID4
RID3
RID2
RID1
RID0
DIP
Switches
4.7K
ohm
Pull up
resistors
DP83858
100RIC8
VCC
IR_VECT4
/ACTIVEO
/IR_COL_OUT
/IR_COL_IN
/IR_ACTIVE
IR_VECT3
IR_VECT2
IR_VECT1
IR_VECT0
DP83858
100RIC8
IRD3
IRD2
IRD1
IRD0
IRD_CK
/IRD_V
/IRD_ER
MD3
MD2
MD1
MD0
MD_CK
/MD_V
/MD_ER
IRD_ODIR
1.2Kohm
Pull-Ups
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com