Electronic Components Datasheet Search
  English  ▼

X  

DP83858VF Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83858VF
Description  100 Mb/s TX/T4 Repeater Interface Controller (100RIC8??
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83858VF Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button DP83858VF Datasheet HTML 2Page - National Semiconductor (TI) DP83858VF Datasheet HTML 3Page - National Semiconductor (TI) DP83858VF Datasheet HTML 4Page - National Semiconductor (TI) DP83858VF Datasheet HTML 5Page - National Semiconductor (TI) DP83858VF Datasheet HTML 6Page - National Semiconductor (TI) DP83858VF Datasheet HTML 7Page - National Semiconductor (TI) DP83858VF Datasheet HTML 8Page - National Semiconductor (TI) DP83858VF Datasheet HTML 9Page - National Semiconductor (TI) DP83858VF Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
6
http:\\www.national.com
2.0 Pin Descriptions
2.1 Physical Layer Interface
Signal Name Type
Active
Description
RXD[3:0]
I
—
Receive Data: Nibble data inputs from each Physical layer chip. Up to 12 ports are sup-
ported.
Note: Input buffer has a weak pull-up.
RXE[7:0]
O, L high (low) Receive Enable: Asserted to the respective Physical Layer chip to enable its Receive
Data. These pins are either active high or active low depending on the polarity of RSM3
pin as shown below:
RXE[7:0]
RSM3
Active High
Unconnected or pulled high
Active Low
Pulled down
RX_DV
I
high
Receive Data Valid: Asserted High when valid data is present on RXD[3:0].
Note: To ensure that during idle, when 100PHYs TRI-STATE®, this signal is NOT inter-
preted as “logic one” by the repeater, a 1k
Ω pull down resistor must be placed on this
pin. The location on this pull down should be between the repeater and the nearest tri-
stateable component to the repeater.
RX_ER
I
high
Receive Error: The physical Layer asserts this signal high when it detects receive error.
When this signal is asserted, the 100PHY (TX or T4) device indicates the type of error
on RXD[3:0] as shown below. Note that this data is passed only to the Inter Repeater
Bus, and not onto the TX Bus:
RX_ER
RXD[3:0]
Receive Error Condition
0
data
Normal data reception
1
0h
Symbol code violation
1
1h1
Elasticity Buffer Over/Under-run
1
2h
Invalid Frame Termination
1
3h2
Reserved
1
4h2
10Mb Link Detected
1 The 100PHY must be configured with the Elasticity Buffer bypassed; hence this error
code will never be generated.
2 These error codes will only appear when CRS from the 100PHY is not asserted. Since
the DP83858 only enables a 100PHY when its CRS is asserted, these error codes will
never be passed through the chip.
Note: Input buffer has a weak pull-down.
RXC
I
—
Receive Clock: Recovered clock from the Physical Layer device. RXD, RX_DV, and
RX_ER are generated from the falling edge of this clock.
Note: Input buffer has a weak pull-down.
CRS[7:0]
I
high
Carrier Sense: Asynchronous carrier indication from the Physical Layer device.
TXE[7:0]
O, L
high
Transmit Enable: Enables corresponding port for transmitting data.
TX_RDY
O, L
high
Transmit Ready: Indicates when a transmit is in progress. Essentially, this signal is the
logical 'OR' of all TXEs.
TX_ER
O, M
high
Transmit Error: Asserted high when a code violation is requested to be transmitted.
TXD[3:0]
O, H
high
Transmit Data: Nibble data output to be transmitted by each Physical Layer device.
Note: A table showing pin type designation is given in section 2.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com