Electronic Components Datasheet Search
  English  ▼

X  

AD1980 Datasheet(PDF) 8 Page - Analog Devices

Part # AD1980
Description  SigmaDSP??3-Channel, 26-Bit Signal Processing DAC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1980 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD1980 Datasheet HTML 4Page - Analog Devices AD1980 Datasheet HTML 5Page - Analog Devices AD1980 Datasheet HTML 6Page - Analog Devices AD1980 Datasheet HTML 7Page - Analog Devices AD1980 Datasheet HTML 8Page - Analog Devices AD1980 Datasheet HTML 9Page - Analog Devices AD1980 Datasheet HTML 10Page - Analog Devices AD1980 Datasheet HTML 11Page - Analog Devices AD1980 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
REV. 0
–8–
AD1980
Pin Number
Mnemonic
I/O
Function
POWER AND GROUND SIGNALS
1DVDD1I
Digital VDD 3.3 V
4DVSS1I
Digital GND
7DVSS2I
Digital GND
9DVDD2I
Digital VDD 3.3 V
25
AVDD1I
Analog VDD 5.0 V
26
AVSS1I
Analog GND
33
AVSS4I
Analog GND
34
AVDD4I
Analog VDD 5.0 V
38
AVDD2I
Analog VDD 5.0 V
40
AVSS2I
Analog GND
43
AVDD3I
Analog VDD 5.0 V
44
AVSS3I
Analog GND
NO CONNECTS
12
NC
No Connect
42
NC
No Connect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com