Electronic Components Datasheet Search
  English  ▼

X  

AD1980 Datasheet(PDF) 11 Page - Analog Devices

Part # AD1980
Description  SigmaDSP??3-Channel, 26-Bit Signal Processing DAC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1980 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD1980 Datasheet HTML 7Page - Analog Devices AD1980 Datasheet HTML 8Page - Analog Devices AD1980 Datasheet HTML 9Page - Analog Devices AD1980 Datasheet HTML 10Page - Analog Devices AD1980 Datasheet HTML 11Page - Analog Devices AD1980 Datasheet HTML 12Page - Analog Devices AD1980 Datasheet HTML 13Page - Analog Devices AD1980 Datasheet HTML 14Page - Analog Devices AD1980 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
REV. 0
AD1980
–11–
Table I. Volume Settings for Master and Headphone
Control Bits
Reg. 76h
Master Volume (02h) and Headphone Volume (04h)
Left Channel Volume D[13:8]
Right Channel Volume D[5:0]
MSPLT
*
D15 WRITE
READBACK Function
D7
*
WRITE
READBACK
Function
00
00 0000
00 0000
0 dB Gain
x
00 0000
00 0000
0 dB Gain
00
00 1111
00 1111
–22.5 dB Gain
x
00 1111
00 1111
–22.5 dB Gain
00
01 1111
01 1111
–46.5 dB Gain
x
01 1111
01 1111
–46.5 dB Gain
00
1x xxxx
01 1111
–46.5 dB Gain
x
1x xxxx
01 1111
–46.5 dB Gain
01
xx xxxx
xx xxxx
–
dB Gain, Muted
x
xx xxxx
xx xxxx
–
dB Gain, Muted
10
1x xxxx
01 1111
–46.5 dB Gain
1
xx xxxx
xx xxxx
–
dB Gain, only
Right Muted
11
xx xxxx
xx xxxx
–
dB Gain, Left only Muted
0
xx xxxx
xx xxxx
–46.5 dB Gain
11
xx xxxx
xx xxxx
–
dB Gain, Left Muted
1
xx xxxx
xx xxxx
–
dB Gain, Right
Muted
*For AC ’97 compatibility, Bit D7 is available only by setting the MSPLT bit, Register 76h. The MSPLT bit enables separate mute bits for the left and right
channels. If MSPLT is not set, Bit D7 has no effect.
x in the above table is “don’t care.”
Mono Volume Register (Index 06h)
Reg
No.
Name
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
*
D4
D3
D2
D1
D0
Default
06h
Mono Volume
MVM
X
X
X
X
X
X
X
X
X
MV5
MV4
MV3
MV2
MV1
MV0
8000h
*Refer to Table II for examples. This register controls the Mono output volume and mute bit. The volume register contains five bits, generating 32 volume levels with
31 steps of 1.5 dB each. Because AC ’97 defines 6-bit volume registers, to maintain compatibility, whenever the D5 bit is set to “1,” their respective lower five vol-
ume bits are automatically set to “1” by the codec logic. On readback, all lower five bits will read “1s” whenever this bit is set to “1.” All registers not shown and bits
containing an X are assumed to be reserved.
MV[5:0]
Mono Volume Control. The least significant bit represents 1.5 dB. This register controls the output from 0 dB to a
maximum attenuation of 46.5 dB.
MVM
Mono Volume Mute. When this bit is set to “1,” the channel is muted.
Table II. Volume Settings for Mono
Control Bits D[4:0] for Mono (06h)
D15
WRITE
READBACK
Function
00 0000
0 0000
0 dB Gain
00 1111
0 1111
–22.5 dB Gain
01 1111
1 1111
–46.5 dB Gain
1x xxxx
x xxxx
– dB Gain, Muted
x in the above table is a wild card and has no effect on the value.
Headphones Volume Register (Index 04h)
Reg
No.
Name
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6 D5
D4
D3
D2
D1
D0
Default
04h
Headphones
HPM
X
LHV5 LHV4 LHV3 LHV2 LHV1 LHV0 HPRM
* X
RHV5 RHV4 RHV3 RHV2
RHV1 RHV0 8000h
Volume
*For AC ’97 compatibility, Bit D7 is available only by setting the MSPLT bit, Register 76h. The MSPLT bit enables separate mute bits for the left and right
channels. If MSPLT is not set, Bit D7 has no effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com