Electronic Components Datasheet Search
  English  ▼

X  

AD1980 Datasheet(PDF) 24 Page - Analog Devices

Part # AD1980
Description  SigmaDSP??3-Channel, 26-Bit Signal Processing DAC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1980 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD1980 Datasheet HTML 20Page - Analog Devices AD1980 Datasheet HTML 21Page - Analog Devices AD1980 Datasheet HTML 22Page - Analog Devices AD1980 Datasheet HTML 23Page - Analog Devices AD1980 Datasheet HTML 24Page - Analog Devices AD1980 Datasheet HTML 25Page - Analog Devices AD1980 Datasheet HTML 26Page - Analog Devices AD1980 Datasheet HTML 27Page - Analog Devices AD1980 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
REV. 0
–24–
AD1980
JS0INT
Indicates Pin JS0 has generated an interrupt. Remains set until the software services JS0 interrupt, i.e., JS0 ISR
should clear this bit by writing a “0” to it. Note that the interrupt to the system is actually an OR combination of
this bit and JS1INT. Also, note that the actual interrupt implementation is selected by the INTS bit (Register 76h).
It is also possible to generate a software system interrupt by writing a “1” to this bit.
JS1INT
Indicates Pin JS1 has generated an interrupt. Remains set until the software services JS1 interrupt, i.e., JS1 ISR
should clear this bit by writing a “0” to it. See the JS0INT description for additional details.
JS0ST
JS0 STATE. This bit always reports the logic state of JS0 pin.
JS1ST
JS1 STATE. This bit always reports the logic state of JS1 pin.
JS0MD
JS0 Mode. This bit selects the operation mode for the JS0 pin.
0 = Jack Sense Mode (reset default)
1 = Interrupt Mode
JS1MD
JS1 Mode. This bit selects the operation mode for the JS1 pin.
0 = Jack Sense Mode (reset default)
1 = Interrupt Mode
JS0TMR
JS0 Timer Enable. If this bit is set to a “1,” JS0 must be high for greater than 278 ms to be recognized.
JS1TMR
JS1 Timer Enable. If this bit is set to a “1,” JS1 must be high for greater than 278 ms to be recognized.
JS0EQB
JS0 EQ Bypass Enable. This bit enables JS0 to control the EQ bypass. When this bit is set to “1,” JS0 = 1 will
cause the EQ to be bypassed.
JS1EQB
JS1 EQ Bypass Enable. This bit enables JS1 to control the EQ bypass. When this bit is set to “1,” JS1 = 1 will
cause the EQ to be bypassed.
JSMT[2,0]
JS Mute Enable Selector. These three bits select and enable the Jack Sense muting action (see Table IX).
JS0DMX
JS0 Down = Mix Control Enable. This bit enables JS0 to control the Down-Mix function. This function allows a
digital mix of six channels of audio into 2-channel audio. The mix can then be routed to the stereo Line_out or
HP_out jacks. When this bit is set to “1,” JS0 = 1 will activate the Down-Mix conversion.
See the DMIX description in Register 76h. The DMIX bits select the Down-Mix implementation type and can also
force the function to be activated.
JS1DMX
JS1 Down Mix Control Enable. This bit enables 2-channel to 6-channel audio Spread function when both Jack
Senses are active (logic state “1”).
Note that the SPRD bit can also force the Spread function without being gated by the Jack Senses. See this bit’s
description in Register 76h for a better understanding of the Spread function.
JSSPRD
JS Spread Control Enable. This bit enables 2-channel to 6-channel audio Spread function when both Jack Senses
are active (logic state “1”).
Note that the SPRD bit can also force the Spread function without being gated by the Jack Senses. See this bit’s
description in Register 76h for a better understanding of the Spread function.
Jack Sense/Audio Interrupt Status Register (Index 72h)
Reg
No. Name
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
72h
Jack
JS1
JS1
JS0
JS
JS
JS
JS1
JS0
JS1
JS0
JS1
JS0
JS1
JS0
JS1
JS0
0000h
Sense
SPRD DMX
DMX
MT2
MT1
MT0
EQB
EQB
TMR
TMR
MD
MD
ST
ST
INT
INT
All register bits are read/write except for JS0ST and JS1ST, which are read only.
EQ Data Register (Index 62h)
Reg
No. Name
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
62h EQ DATA CFD15 CFD14 CFD13 CFD12 CFD11 CFD10 CFD9 CFD8 CFD7 CFD6 CFD5 CFD4 CFD3 CFD2 CFD1 CFD0 0000h
This read/write register is used to transfer EQ biquad coefficients into memory. The register data is transferred to, or retrieved from, the address pointed to by the
BCA Bits in the EQ CNTRL register (60h). Data will only be written to memory if the EQM bit (Register 60h, Bit 15) is asserted.
CFD[15,0]
Coefficient Data. The biquad coefficients are fixed-point format values with 16 bits of resolution. The CFD15 bit is
the MSB and the CFD0 bit is the LSB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com