Electronic Components Datasheet Search
  English  ▼

X  

AD1980 Datasheet(PDF) 17 Page - Analog Devices

Part # AD1980
Description  SigmaDSP??3-Channel, 26-Bit Signal Processing DAC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1980 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD1980 Datasheet HTML 13Page - Analog Devices AD1980 Datasheet HTML 14Page - Analog Devices AD1980 Datasheet HTML 15Page - Analog Devices AD1980 Datasheet HTML 16Page - Analog Devices AD1980 Datasheet HTML 17Page - Analog Devices AD1980 Datasheet HTML 18Page - Analog Devices AD1980 Datasheet HTML 19Page - Analog Devices AD1980 Datasheet HTML 20Page - Analog Devices AD1980 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
REV. 0
AD1980
–17–
Power-Down Control/Status Register (Index 26h)
Reg
No. Name
D15
D14
D13 D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
26h Power-Down
EAPD
PR6
PR5 PR4
PR3
PR2
PR1
PR0
XXXXREF
ANL
DAC ADC NA
Control/Status
The ready bits are read only; writing to REF, ANL, DAC, ADC will have no effect. These bits indicate the status for the AD1980 subsections. If the bit is a 1, then
that subsection is ready. Ready is defined as the subsection able to perform in its nominal state. All registers not shown and bits containing an X are assumed to be reserved.
ADC
ADC Sections Ready to Transmit Data
DAC
DAC Sections Ready to Transmit Data
ANL
Analog Amplifiers, Attenuators and Mixers Ready
REF
Voltage References, VREF and VREFOUT up to Nominal Level
PR[6:0]
Codec Power-Down Modes. The first three bits are to be used individually rather than in combination with each
other. PR3 can be used in combination with PR2 or by itself. The mixer and reference cannot be powered down via
PR3 unless the ADCs and DACs are also powered down. Nothing else can be powered up until the reference is up.
PR5 has no effect unless all ADCs, DACs, and the AC-Link are powered down. The reference and the mixer can be
either up or down, but all power-up sequences must be allowed to run to completion before PR5 and PR4 are both set.
In multiple codec systems, the master codec’s PR5 and PR4 bits control the slave codec. PR5 is also effective in the
slave codec if the master’s PR5 bit is clear, but the PR4 bit has no effect except to enable or disable PR5.
EAPD
External Audio Power-Down Control. Controls the state of the EAPD pin.
EAPD = 0 sets the EAPD pin low, enabling an external power amplifier (reset defaults).
EAPD = 1 sets the EAPD pin high, shutting off the external power amplifier.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com