Electronic Components Datasheet Search
  English  ▼

X  

AD1980 Datasheet(PDF) 20 Page - Analog Devices

Part # AD1980
Description  SigmaDSP??3-Channel, 26-Bit Signal Processing DAC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1980 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD1980 Datasheet HTML 16Page - Analog Devices AD1980 Datasheet HTML 17Page - Analog Devices AD1980 Datasheet HTML 18Page - Analog Devices AD1980 Datasheet HTML 19Page - Analog Devices AD1980 Datasheet HTML 20Page - Analog Devices AD1980 Datasheet HTML 21Page - Analog Devices AD1980 Datasheet HTML 22Page - Analog Devices AD1980 Datasheet HTML 23Page - Analog Devices AD1980 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
REV. 0
–20–
AD1980
AC ’97 2.2 AMAP Compliant Default SPDIF Slot Assignments
Codec ID
Function
SPSA = 00
SPSA = 01
SPSA = 10
SPSA = 11
00
2-Ch Primary w/SPDIF
3 and 4
7 and 8 [default]
6 and 9
10 and 11
00
4-Ch Primary w/SPDIF
3 and 4
7 and 8
6 and 9[default]
10 and 11
00
6-Ch Primary w/SPDIF
3 and 4
7 and 8
6 and 9
10 and 11[default]
01
+2-Ch Secondary w/SPDIF
3 and 4
7 and 8
6 and 9[default]
01
+4-Ch Secondary w/SPDIF
3 and 4
7 and 8
6 and 9
10 and 11[default]
10
+2-Ch Secondary w/SPDIF
3 and 4
7 and 8
6 and 9[default]
10
+4-Ch Secondary w/SPDIF
3 and 4
7 and 8
6 and 9
10 and 11[default]
11
+2-Ch Secondary w/SPDIF
3 and 4
7 and 8
6 and 9
10 and 11[default]
PCM Front DAC Rate Register (Index 2Ch)
Reg
No. Name
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
2Ch PCM Front
SRF15 SRF14 SRF13 SRF12 SRF11 SRF10 SRF9 SRF8 SRF7 SRF6 SRF5 SRF4 SRF3 SRF2 SRF1 SRF0 BB80h
DAC Rate
This read/write Sample Rate Control Register contains 16-bit unsigned value, representing the rate of operation in Hz.
SRF[15:0]
Sample Rate.
The sampling frequency range is from 7 kHz (1B58h) to 48 kHz (BB80h) in 1 Hz increments. If zero is written to
VRA, then the sample rate is reset to 48 kHz.
PCM LFE (and CENTER) DAC Rate Register (Index 30h)
Reg
No. Name
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
30h PCM LFE/ SRCL15 SRCL14 SRCL13 SRCL12 SRCL11 SRCL10 SRCL9 SRCL8 SRCL7 SRCL6 SRCL5 SRCL4 SRCL3 SRCL2 SRCL1 SRCL0 BB80h
C DAC
Rate
This read/write sample rate control register contains 16-bit unsigned value, representing the rate of operation in Hz.
This register sets the sample rate for the LFE DAC and Center DAC. This register’s reset default is to be locked to the PCM Front DAC sample rate register (2-Ch) .
To unlock the register bit, SRU in Register 76h must be asserted.
SRCL[15:0]
Sample Rate.
The sampling frequency range is from 7 kHz (1B58h) to 48 kHz (BB80h) in 1 Hz increments.
If zero is written to VRA, then the sample rate is reset to 48 kHz.
PCM Surround DAC Rate Register (Index 2Eh)
Reg
No. Name
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
2Eh PCM Surr
SRS15 SRS14 SRS13 SRS12 SRS11 SRS10 SRS9 SRS8 SRS7 SRS6
SRS5
SRS4 SRS3
SRS2 SRS1 SRS0
BB80h
DAC Rate
This read/write Sample Rate Control Register contains 16-bit unsigned value, representing the rate of operation in Hz.
This register sets the sample rate for the surround DAC. This register’s reset default is to be locked to the PCM front DAC sample rate register (2-Ch).
To unlock this register, Bit SRU in Register 76h must be asserted.
SRS[15:0]
Sample Rate.
The sampling frequency range is from 7 kHz (1B58h) to 48 kHz (BB80h) in 1 Hz increments.
If zero is written to VRA bit, then the sample rate is reset to 48 kHz.
PCM ADC Rate Register (Index 32h)
Reg
No. Name
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
32h
PCM L/R
SRA15
SRA14 SRA13 SRA12 SRA11 SRA10 SRA9 SRA8 SRA7 SRA6 SRA5 SRA4 SRA3 SRA2 SRA1 SRA0 BB80h
ADC Rate
This read/write sample rate control register contains 16-bit unsigned value, representing the rate of operation in Hz.
SRA[15:0]
Sample Rate.
The sampling frequency range is from 7 kHz (1B58h) to 48 kHz (BB80h) in 1 Hz increments.
If zero is written to VRA, then the sample rate is reset to 48 kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com