Electronic Components Datasheet Search
  English  ▼

X  

AD1980 Datasheet(PDF) 26 Page - Analog Devices

Part # AD1980
Description  SigmaDSP??3-Channel, 26-Bit Signal Processing DAC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1980 Datasheet(HTML) 26 Page - Analog Devices

Back Button AD1980 Datasheet HTML 22Page - Analog Devices AD1980 Datasheet HTML 23Page - Analog Devices AD1980 Datasheet HTML 24Page - Analog Devices AD1980 Datasheet HTML 25Page - Analog Devices AD1980 Datasheet HTML 26Page - Analog Devices AD1980 Datasheet HTML 27Page - Analog Devices AD1980 Datasheet HTML 28Page - Analog Devices AD1980 Datasheet HTML 29Page - Analog Devices AD1980 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
REV. 0
–26–
AD1980
Serial Configuration Register (Index 74h)
Reg
No. Name D15
D14
D13
D12
D11
D10 D9 D8
D7 D6
D5
D4
D3 D2
D1
D0
Default
74h Serial
SLOT16 REGM2 REGM1 REGM0 REGM3 DRF X
CHEN X
LBKS1 LBKS0 INTS X
SPAL SPDZ SPLNK 1001h
Configuration
All registers not shown and bits containing an X are assumed to be reserved.
Note that this register is not reset when the reset register (0x00) is written to (soft reset).
SPLNK
SPDIF Link. This bit enables the SPDIF to link with the front DACs for data requesting.
0 = SPDIF and DAC are not linked.
1 = SPDIF and DAC are linked and receive the same data requests (reset default).
SPDZ
SPDIF DACZ.
0 = Repeat last sample out of the SPDIF stream if FIFO under-runs (reset default).
1 = Forces midscale sample out the SPDIF stream if FIFO under-runs.
SPAL
SPDIF ADC Loop-around.
0 = SPDIF transmitter is connected to the AC-Link stream (reset default).
1= SPDIF transmitter is connected to the digital ADC stream, not the AC-Link.
INTS
Interrupt Mode Select. This bit selects the JS interrupt implementation path.
0 = Bit 0 SLOT 12 (modem interrupt) (reset default).
1 = Slot 6 Valid Bit (MIC ADC interrupt).
LBKS[1:0]
Loop-Back Selection. These bits select the internal digital loop-back path when LPBK bit is active (see Register 20h)
00 = Loop back through the front DACs (reset default).
01 = Loop back through the surround DACs.
10 = Reserved
11 = Loop-back through the center and LFE DACs (Center DAC loops back from the ADC left channel, the LFE
DAC from the ADC right channel).
CHEN
Chain Enable. This bit enables chaining of a slave codec SDATA_IN stream into the ID0 pin (Pin 45).
0 = Disable chaining (reset default).
1 = Enable chaining into ID0 pin.
DRF
DAC Request Force. This allows the AD1980 to synchronize DAC requests with the AD1981A/B.
0 = Normal DAC requesting sequence (reset default).
1 = Synchronize to AD1981A/B DAC requests.
REGM3
Slave 3 Codec Register Mask
REGM0
Master Codec Register Mask
REGM1
Slave 1 Codec Register Mask
REGM2
Slave 2 Codec Register Mask
SLOT16
Enable 16-Bit Slot Mode. SLOT16 makes all ac-link slots 16 bits in length, formatted into 16 slots. This is a
preferred mode for DSP serial port interfacing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com