Electronic Components Datasheet Search
  English  ▼

X  

AD1980 Datasheet(PDF) 23 Page - Analog Devices

Part # AD1980
Description  SigmaDSP??3-Channel, 26-Bit Signal Processing DAC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1980 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD1980 Datasheet HTML 19Page - Analog Devices AD1980 Datasheet HTML 20Page - Analog Devices AD1980 Datasheet HTML 21Page - Analog Devices AD1980 Datasheet HTML 22Page - Analog Devices AD1980 Datasheet HTML 23Page - Analog Devices AD1980 Datasheet HTML 24Page - Analog Devices AD1980 Datasheet HTML 25Page - Analog Devices AD1980 Datasheet HTML 26Page - Analog Devices AD1980 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
REV. 0
AD1980
–23–
BCA[5,0]
Biquad and Coefficient Address Pointer:
biquad 0
coef a0
BCA[5,0] = 011011
biquad 0
coef a1
BCA[5,0] = 011010
biquad 0
coef a2
BCA[5,0] = 011001
biquad 0
coef b1
BCA[5,0] = 011101
biquad 0
coef b2
BCA[5,0] = 011100
biquad 1
coef a0
BCA[5,0] = 100000
biquad 1
coef a1
BCA[5,0] = 011111
biquad 1
coef a2
BCA[5,0] = 011110
biquad 1
coef b1
BCA[5,0] = 100010
biquad 1
coef b2
BCA[5,0] = 100001
biquad 2
coef a0
BCA[5,0] = 100101
biquad 2
coef a1
BCA[5,0] = 100100
biquad 2
coef a2
BCA[5,0] = 100011
biquad 2
coef b1
BCA[5,0] = 100111
biquad 2
coef b2
BCA[5,0] = 100110
biquad 3
coef a0
BCA[5,0] = 101010
biquad 3
coef a1
BCA[5,0] = 101001
biquad 3
coef a2
BCA[5,0] = 101000
biquad 3
coef b1
BCA[5,0] = 101100
biquad 3
coef b2
BCA[5,0] = 101011
biquad 4
coef a0
BCA[5,0] = 101111
biquad 4
coef a1
BCA[5,0] = 101110
biquad 4
coef a2
BCA[5,0] = 101101
biquad 4
coef b1
BCA[5,0] = 110001
biquad 4
coef b2
BCA[5,0] = 110000
biquad 5
coef a0
BCA[5,0] = 110100
biquad 5
coef a1
BCA[5,0] = 110011
biquad 5
coef a2
BCA[5,0] = 110010
biquad 5
coef b1
BCA[5,0] = 110110
biquad 5
coef b2
BCA[5,0] = 110101
biquad 6
coef a0
BCA[5,0] = 111001
biquad 6
coef a1
BCA[5,0] = 111000
biquad 6
coef a2
BCA[5,0] = 110111
biquad 6
coef b1
BCA[5,0] = 111011
biquad 6
coef b2
BCA[5,0] = 111010
CHS
Channel Select.
CHS = 0 selects left channel coefficients data block.
CHS = 1 selects right channel coefficients data block.
SYM
Symmetry.
When set to “1,” this bit indicates that the left and right channel coefficients are equal. This shortens the coeffi-
cients’ setup sequence since only the left channel coefficients need to be addressed and set up. (The right channel
coefficients are fetched from the left channel memory.)
EQM
Equalizer Mute.
When set to “1,” this bit disables the equalizer function (allows all data pass through). The reset default sets this bit
to “1,” disabling the equalizer function until the biquad coefficients can be properly set.
EQ Control Register (Index 60h)
Reg
No. Name
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
60h
EQ CTRL
EQM
X
X
X
X
X
X
X
SYM
CHS
BCA5
BCA4
BCA3
BCA2 BCA1
BCA0 8080h
All registers not shown, and bits containing an X are assumed to be reserved.
Register 60h is a read/write register that controls the Equalizer functionality and data setup. This register also contains the Biquad and Coefficient Address pointer,
which is used in conjunction with the EQ Data Register (78h) to set up the equalizer coefficients. The reset default disables the Equalizer function until the coeffi-
cients can be properly set up by the software and sets the Symmetry Bit to allow equal coefficients for the left and right channels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com