Electronic Components Datasheet Search
  English  ▼

X  

AD1980 Datasheet(PDF) 28 Page - Analog Devices

Part # AD1980
Description  SigmaDSP??3-Channel, 26-Bit Signal Processing DAC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1980 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD1980 Datasheet HTML 24Page - Analog Devices AD1980 Datasheet HTML 25Page - Analog Devices AD1980 Datasheet HTML 26Page - Analog Devices AD1980 Datasheet HTML 27Page - Analog Devices AD1980 Datasheet HTML 28Page - Analog Devices AD1980 Datasheet HTML 29Page - Analog Devices AD1980 Datasheet HTML 30Page - Analog Devices AD1980 Datasheet HTML 31Page - Analog Devices AD1980 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
REV. 0
–28–
AD1980
DMIX[1:0]
Down Mix Mode Select. Provides analog down-mixing of the center, LFE, and/or surround channels into the
mixer channels. This allows the full content of 5.1 or quad media to be played through stereo headphones or
speakers.
Note that the Jack Sense pins can also be set up to control (gate) this function depending on the JS0DMX and
JS1DMX Bits (see Register 72h).
The upper bit allows forcing the down-mix function:
DMIX[1] = 0, no down-mix unless activated by the Jack Sense and JSxDMX bits (default).
DMIX[1] = 1, forces down-mix function.
The lower bit selects the down-mix type:
DMIX[0] = 0, selects 6-to-4 down-mix. The center and LFE channels are summed equally into the mixer left and
right channels (default).
DMIX[0] = 1, selects 6-to-2 down-mix. The surround left and right channels are summed into the mixer left and
right channels.
Default for DMIX[1:0] is “00.”
HPSEL
Headphone Amplifier Input Select. This bit allows the headphone power amps to be driven from the surround
DACs or from the mixer outputs. There are two reasons for this: one is to allow 2-channel media to use the
higher power headphone amplifiers available on the SURR/HP_OUT outputs; the other is to allow spreading of
2-channel media to the surround outputs.
Together with the LOSEL bit (see above), this bit also provides for analog swapping of the mixer (front) and sur-
round outputs.
0 = SURR_out/HP_out outputs are driven by the surround DACs (reset default).
1 = SURR_out/HP_out outputs are driven by the mixer outputs.
CLDIS
Center and LFE Disable. Disables the center and LFE output pins, placing them into High-Z mode so that the
assigned output audio jack(s) can be shared for MIC inputs or other functions.
0 = Center and LFE output pins have normal audio drive capability (reset default).
1 = Center and LFE output pins are placed into High-Z mode.
LODIS
Line_out Disable. Disables the Line_out pins (L/R), placing them into High-Z mode so that the assigned output
audio jack can be shared for Line Input function.
0 = Line_out pins have normal audio drive capability (reset default).
1 = Line_out pins are placed into High-Z mode.
MSPLT
Mute Split. Allows separate mute control bits for master, HP, Line_in, CD, PCM OUT, and record volume/gain
control registers.
0 = Both left and right channel mutes are controlled by Bit D15 in the respective registers (reset default).
1 = Bit D15 affects only the left channel mute and Bit D7 affects only the right channel mute.
AC97NC
AC ’97 No Compatibility Mode. This bit allows the surround, center, and LFE volume control registers and
output attenuators to operate in a more functional mode than defined by the AC97 2.2 spec. This is called ADI
compatibility mode.
In AC ’97 compatibility mode, the DAC Gain/Attenuators for the surround, center, and LFE are controlled by
Register 18h (PCM volume). The output pin attenuators for the surround are controlled by Register 38h, and the
output pin attenuators for the center and LFE are controlled by Register 36h.
In ADI compatibility mode, the Surround DAC Gain/Attenuators are controlled by Register 38h, and the Center/
LFE DAC are controlled by Register 36h.
The output pin attenuators for Center/LFE are controlled by Register 02h (Master Volume), and the output pin
attenuators for Surround are controlled by Register 04h.
0 = AC97 compatibility mode (reset default).
1 = ADI compatibility mode.
DACZ
DAC Zero-Fill. Determines DAC data fill under starved condition.
0 = DAC data is repeated when DACs are starved for data (reset default).
1 = DAC data is zero-filled when DACs are starved for data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com