Electronic Components Datasheet Search
  English  ▼

X  

DP83905AVQB Datasheet(PDF) 75 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83905AVQB
Description  AT Local Area Network Twisted-Pair Interface Controller
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83905AVQB Datasheet(HTML) 75 Page - National Semiconductor (TI)

Back Button DP83905AVQB Datasheet HTML 71Page - National Semiconductor (TI) DP83905AVQB Datasheet HTML 72Page - National Semiconductor (TI) DP83905AVQB Datasheet HTML 73Page - National Semiconductor (TI) DP83905AVQB Datasheet HTML 74Page - National Semiconductor (TI) DP83905AVQB Datasheet HTML 75Page - National Semiconductor (TI) DP83905AVQB Datasheet HTML 76Page - National Semiconductor (TI) DP83905AVQB Datasheet HTML 77Page - National Semiconductor (TI) DP83905AVQB Datasheet HTML 78Page - National Semiconductor (TI) DP83905AVQB Datasheet HTML 79Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 80 page
background image
80 Preliminary Switching Characteristics (Continued)
RESET Timing
TLF11498 – 55
Symbol
Description
Min
Max
Units
T1
RESET Asserted Until IO Inactive Asserted (Note 1)
400
ns
T2
RESET Asserted Until RegLoad State Entered (Note 2)
415
m
s
T3
RESET Deasserted Until RegLoad Deasserted (Note 3)
100
ns
T4
RESET Deasserted Until EELOAD State Entered (Note 4)
0
m
s
TS
EELoad Width (Note 4)
320
m
s
Note 1
IO inactive is not an external signal It is used here to indicate the length of time RESET must be active before the ATLANTIC Controller recognizes it
begins to drive the ISA outputs to their inactive state and ignores ISA inputs except RESET
Note 2
RegLoad is not an external signal It is used here to indicate the length of time RESET must be active before the ATLANTIC Controller begins contiguring
When IOinactive goes active the internal pull-down resistors on the memory support buses are enabled
Note 3
If RegLoad is high the values on the memory support buses are Iatched into the configuration registers when RESET is deasserted The pull-down resistors
on this bus are enabled until RegLoad is deasserted
Note 4
EELoad is not an extemal signal it is used here to indicate when the EEPROM store is loading
Serial EEPROM Timing
TLF11498 – 56
Symbol
Description
Min
Max
Units
T1
EECS Setup to SK
150
ns
T2
EECS Hold after SK
250
ns
T3
MSD2 Low Time
450
ns
T4
MSD2 High Time
450
ns
T5
MSD2 Clock Period (Note 1)
1
m
s
T6
Data In Setup to MSD2 High
100
ns
T7
Data In Hold from MSD2 High
100
ns
T8
Data Out Valid from MSD2 High
500
ns
Note 1
Derived from Crystal Oscillator Tolerance e g001%
75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com