Electronic Components Datasheet Search
  English  ▼

X  

ADF4107 Datasheet(PDF) 8 Page - Analog Devices

Part # ADF4107
Description  PLL Frequency Synthesizer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4107 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADF4107 Datasheet HTML 4Page - Analog Devices ADF4107 Datasheet HTML 5Page - Analog Devices ADF4107 Datasheet HTML 6Page - Analog Devices ADF4107 Datasheet HTML 7Page - Analog Devices ADF4107 Datasheet HTML 8Page - Analog Devices ADF4107 Datasheet HTML 9Page - Analog Devices ADF4107 Datasheet HTML 10Page - Analog Devices ADF4107 Datasheet HTML 11Page - Analog Devices ADF4107 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ADF4107
100Hz
1MHz
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
–140
FREQUENCY OFFSET FROM 6400MHz CARRIER
10dB/DIV
RL = –40dBc/Hz
RMS NOISE = 1.85
o
Figure 11. Integrated Phase Noise (6.4 GHz, 1 MHz, 100 kHz)
0
–60
–10
–50
–70
–90
–30
–40
–80
–20
–100
REF LEVEL = –10dBm
–2MHz
+2MHz
6400MHz
–1MHz
+1MHz
FREQUENCY
VDD = 3V, VP = 5V
ICP = 5mA
PFD FREQUENCY = 1MHz
LOOP BANDWIDTH = 100kHz
RES BANDWIDTH = 1kHz
VIDEO BANDWIDTH = 1kHz
SWEEP = 13 SECONDS
AVERAGES = 1
–65.0dBc/Hz
–66.0dBc/Hz
Figure 12. Reference Spurs (6.4 GHz, 1 MHz, 100 kHz)
–60
–70
–100
–40
100
–20
0
20
40
60
80
–80
–90
VDD = 3V
VP = 3V
TEMPERATURE –
oC
Figure 13. Phase Noise (6.4 GHz, 1 MHz, 100 kHz) vs. Temperature
–5
–15
–45
01
2
3
4
–25
–35
TUNING VOLTAGE – V
5
–55
–85
–65
–75
–105
–95
VDD = 3V
VP = 5V
Figure 14. Reference Spurs vs. VTUNE (6.4 GHz, 1 MHz, 100 kHz)
–120
–130
–180
10k
100M
100k
1M
10M
–140
–150
–160
–170
PHASE DETECTOR FREQUENCY – Hz
VDD = 3V
VP = 5V
Figure 15. Phase Noise (referred to CP output) vs. PFD Frequency
6
5
–6
0
2.0
0.5
1.0
1.5
4
3
2
1
VCP – V
0
–1
–2
–3
–4
–5
4.0
2.5
3.0
3.5
5.0
4.5
VP = 5V
ICP SETTLING = 5mA
Figure 16. Charge Pump Output Characteristics
Rev. 0 | Page 8 of 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com