Electronic Components Datasheet Search
  English  ▼

X  

ADF4107 Datasheet(PDF) 4 Page - Analog Devices

Part # ADF4107
Description  PLL Frequency Synthesizer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4107 Datasheet(HTML) 4 Page - Analog Devices

  ADF4107 Datasheet HTML 1Page - Analog Devices ADF4107 Datasheet HTML 2Page - Analog Devices ADF4107 Datasheet HTML 3Page - Analog Devices ADF4107 Datasheet HTML 4Page - Analog Devices ADF4107 Datasheet HTML 5Page - Analog Devices ADF4107 Datasheet HTML 6Page - Analog Devices ADF4107 Datasheet HTML 7Page - Analog Devices ADF4107 Datasheet HTML 8Page - Analog Devices ADF4107 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ADF4107
Rev. 0 | Page 4 of 20
Parameter
B
Version1
B Chips2
(Typ)
Unit
Test Conditions/Comments
NOISE CHARACTERISTICS
ADF4107 Phase Noise Floor9
–174
–174
dBc/Hz typ
@ 25 kHz PFD Frequency
–166
–166
dBc/Hz typ
@ 200 kHz PFD Frequency
–159
–159
dBc/Hz typ
@ 1 MHz PFD Frequency
Phase Noise Performance10
@ VCO Output
900 MHz Output11
–93
–93
dBc/Hz typ
@ 1 kHz offset and 200 kHz PFD Frequency
6400 MHz Output12
–76
–76
dBc/Hz typ
@ 1 kHz offset and 200 kHz PFD Frequency
6400 MHz Output13
–83
–83
dBc/Hz typ
@ 1 kHz offset and 1 MHz PFD Frequency
Spurious Signals
900 MHz Output11
–90/–92
–90/–92
dBc typ
@ 200 kHz/400kHz and 200 kHz PFD Frequency
6400 MHz Output12
–65/–70
–65/–70
dBc typ
@ 200 kHz/400kHz and 200 kHz PFD Frequency
6400 MHz Output13
–70/–75
–70/–75
dBc typ
@ 1 MHz/2MHz and 1 MHz PFD Frequency
1 Operating temperature range (B Version) is –40°C to +85°C.
2 The B Chip specifications are given as typical values.
3 Use a square wave for lower frequencies, below the minimum stated.
4 This is the maximum operating frequency of the CMOS counters. The prescaler value should be chosen to ensure that the RF input is divided down to a frequency that
is less than this value.
5 AVDD = DVDD = 3 V.
6 Guaranteed by design. Sample tested to ensure compliance.
7 TA = 25°C; AVDD = DVDD = 3 V; P = 32; RFIN = 7.0 GHz.
8 TA = 25°C; AVDD = DVDD = 3.3 V; R = 16383; A = 63; B = 891; P = 32; RFIN = 7.0 GHz.
9 The synthesizer phase noise floor is estimated by measuring the in-band phase noise at the output of the VCO and subtracting 20logN (where N is the N divider value).
10 The phase noise is measured with the EVAL-ADF4107EB1 Evaluation Board and the HP8562E Spectrum Analyzer. The spectrum analyzer provides the REFIN for the
synthesizer (fREFOUT = 10 MHz @ 0 dBm).
11 fREFIN = 10 MHz; fPFD = 200 kHz; Offset Frequency = 1 kHz; fRF = 900 MHz; N = 4500; Loop B/W = 20 kHz.
12 fREFIN = 10 MHz; fPFD = 200 kHz; Offset Frequency = 1 kHz; fRF = 6400 MHz; N = 32000; Loop B/W = 20 kHz.
13 fREFIN = 10 MHz; fPFD = 1 MHz; Offset Frequency = 1 kHz; fRF = 6400 MHz; N = 6400; Loop B/W = 100 kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com