Electronic Components Datasheet Search
  English  ▼

X  

ADF4107 Datasheet(PDF) 17 Page - Analog Devices

Part # ADF4107
Description  PLL Frequency Synthesizer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4107 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADF4107 Datasheet HTML 12Page - Analog Devices ADF4107 Datasheet HTML 13Page - Analog Devices ADF4107 Datasheet HTML 14Page - Analog Devices ADF4107 Datasheet HTML 15Page - Analog Devices ADF4107 Datasheet HTML 16Page - Analog Devices ADF4107 Datasheet HTML 17Page - Analog Devices ADF4107 Datasheet HTML 18Page - Analog Devices ADF4107 Datasheet HTML 19Page - Analog Devices ADF4107 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
ADF4107
Rev. 0 | Page 17 of 20
Note that there is an enable feature on the timer counter. It is
enabled when Fastlock Mode 2 is chosen by setting the fastlock
mode bit (DB10) in the function latch to 1.
Charge Pump Currents
CPI3, CPI2, and CPI1 program Current Setting 1 for the charge
pump. CPI6, CPI5, and CPI4 program Current Setting 2 for the
charge pump. The truth table is given in Figure 25.
Prescaler Value
P2 and P1 in the function latch set the prescaler values. The
prescaler value should be chosen so that the prescaler output
frequency is always less than or equal to 300 MHz. Thus, with
an RF frequency of 4 GHz, a prescaler value of 16/17 is valid but
a value of 8/9 is not valid.
PD Polarity
This bit sets the phase detector polarity bit. See Figure 25.
CP Three-State
This bit controls the CP output pin. With the bit set high, the CP
output is put into three-state. With the bit set low, the CP output
is enabled.
Initialization Latch
The initialization latch is programmed when C2 and C1 are set
to 1 and 1. This is essentially the same as the function latch
(programmed when C2, C1 = 1, 0).
However, when the initialization latch is programmed an
additional internal reset pulse is applied to the R and AB
counters. This pulse ensures that the AB counter is at load point
when the AB counter data is latched and the device will begin
counting in close phase alignment.
If the latch is programmed for synchronous power-down (CE
pin is high; PD1 bit is high; PD2 bit is low), the internal pulse
also triggers this power-down. The prescaler reference and the
oscillator input buffer are unaffected by the internal reset pulse
and so close phase alignment is maintained when counting
resumes.
When the first AB counter data is latched after initialization, the
internal reset pulse is again activated. However, successive AB
counter loads after this will not trigger the internal reset pulse.
Device Programming after Initial Power-Up
After initially powering up the device, there are three ways to
program the device.
Initialization Latch Method
Apply VDD.
Program the initialization latch (11 in two LSBs of input word).
Make sure that the F1 bit is programmed to 0.
Next, do a function latch load (10 in two LSBs of the control
word), making sure that the F1 bit is programmed to a 0.
Then do an R load (00 in two LSBs).
Then do an AB load (01 in two LSBs).
When the Initialization Latch is loaded, the following occurs:
1.
The function latch contents are loaded.
2.
An internal pulse resets the R, AB, and timeout counters to
load-state conditions and also three-states the charge
pump. Note that the prescaler band gap reference and the
oscillator input buffer are unaffected by the internal reset
pulse, allowing close phase alignment when counting
resumes.
3.
Latching the first AB counter data after the initialization
word will activate the same internal reset pulse. Successive
AB loads will not trigger the internal reset pulse unless
there is another initialization.
CE Pin Method
Apply VDD.
Bring CE low to put the device into power-down. This is an
asychronous power-down in that it happens immediately.
Program the function latch (10).
Program the R counter latch (00).
Program the AB counter latch (01).
Bring CE high to take the device out of power-down. The R and
AB counters will now resume counting in close alignment.
Note that after CE goes high, a duration of 1 µs may be required
for the prescaler band gap voltage and oscillator input buffer
bias to reach steady state.
CE can be used to power the device up and down in order to
check for channel activity. The input register does not need to
be reprogrammed each time the device is disabled and enabled
as long as it has been programmed at least once after VDD was
initially applied.
Counter Reset Method
Apply VDD.
Do a Function Latch Load (10 in two LSBs). As part of this,
load 1 to the F1 bit. This enables the counter reset.
Do an R counter load (00 in two LSBs).
Do an AB counter load (01 in two LSBs).
Do a Function latch load (10 in two LSBs). As part of this,
load 0 to the F1 bit. This disables the counter reset.
This sequence provides the same close alignment as the
initialization method. It offers direct control over the internal
reset. Note that counter reset holds the counters at load point
and three-states the charge pump, but does not trigger
synchronous power-down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com