Electronic Components Datasheet Search
  English  ▼

X  

ADF4107 Datasheet(PDF) 18 Page - Analog Devices

Part # ADF4107
Description  PLL Frequency Synthesizer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4107 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADF4107 Datasheet HTML 12Page - Analog Devices ADF4107 Datasheet HTML 13Page - Analog Devices ADF4107 Datasheet HTML 14Page - Analog Devices ADF4107 Datasheet HTML 15Page - Analog Devices ADF4107 Datasheet HTML 16Page - Analog Devices ADF4107 Datasheet HTML 17Page - Analog Devices ADF4107 Datasheet HTML 18Page - Analog Devices ADF4107 Datasheet HTML 19Page - Analog Devices ADF4107 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
ADF4107
Rev. 0 | Page 18 of 20
APPLICATIONS
Local Oscillator for LMDS Base Station
Transmitter
Figure 27 below shows the ADF4107 being used with a VCO to
produce the LO for an LMDS base station.
The reference input signal is applied to the circuit at FREFIN
and, in this case, is terminated in 50 Ω. A typical base station
system would have either a TCXO or an OCXO driving the
reference input without any 50 Ω termination.
To have a channel spacing of 1 MHz at the output, the 10 MHz
reference input must be divided by 10, using the on-chip
reference divider of the ADF4107.
The charge pump output of the ADF4107 (Pin 2) drives the
loop filter. In calculating the loop filter component values, a
number of items need to be considered. In this example, the
loop filter was designed so that the overall phase margin for the
system would be 45°.
Other PLL system specifications are:
KD = 5.0 mA
KV = 80 MHz/V
Loop Bandwidth = 70 kHz
FPFD = 1 MHz
N = 6300
Extra Reference Spur Attenuation = 10 dB
All of these specifications are needed and used to derive the
loop filter component values shown in Figure 27.
Figure 27 gives a typical phase noise performance of
−83 dBc/Hz at 1 kHz offset from the carrier. Spurs are better
than −70 dBc.
The loop filter output drives the VCO, which, in turn, is fed
back to the RF input of the PLL synthesizer and also drives the
RF output terminal. A T-circuit configuration provides 50 Ω
matching between the VCO output, the RF output, and the RFIN
terminal of the synthesizer.
In a PLL system, it is important to know when the system is in
lock. In Figure 27, this is accomplished by using the MUXOUT
signal from the synthesizer. The MUXOUT pin can be
programmed to monitor various internal signals in the
synthesizer. One of these is the LD or lock detect signal.
ADF4107
CE
CLK
DATA
LE
1000pF
1000pF
REFIN
100pF
CP
MUXOUT
100pF
820pF
47pF
100pF
51
Ω
1.7k
Ω
7.5k
Ω
100pF
18
Ω
NOTE
DECOUPLING CAPACITORS (0.1
µF/10pF) ON AVDD, DVDD,
VP OF THE ADF4107 AND ON VCC OF THE V956ME01 HAVE
BEEN OMITTED FROM THE DIAGRAM TO AID CLARITY.
RSET
RFINA
RFINB
AVDD DVDD VP
FREFIN
VDD
VP
LOCK
DETECT
VCC
V956ME01
1, 3, 4, 5, 7, 8,
9, 11, 12, 13
18
Ω
18
Ω
100pF
RFOUT
5.1k
Ω
7
15
16
8
2
14
6
5
1
9
4
3
14
2
10
51
Ω
Figure 27.
6.3 GHz Local Oscillator Using the ADF4107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com