Electronic Components Datasheet Search
  English  ▼

X  

ADF4107 Datasheet(PDF) 19 Page - Analog Devices

Part # ADF4107
Description  PLL Frequency Synthesizer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4107 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADF4107 Datasheet HTML 12Page - Analog Devices ADF4107 Datasheet HTML 13Page - Analog Devices ADF4107 Datasheet HTML 14Page - Analog Devices ADF4107 Datasheet HTML 15Page - Analog Devices ADF4107 Datasheet HTML 16Page - Analog Devices ADF4107 Datasheet HTML 17Page - Analog Devices ADF4107 Datasheet HTML 18Page - Analog Devices ADF4107 Datasheet HTML 19Page - Analog Devices ADF4107 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
ADF4107
Rev. 0 | Page 19 of 20
Interfacing
The ADF4107 has a simple SPI™ compatible serial interface for
writing to the device. CLK, DATA, and LE control the data
transfer. When LE (Latch Enable) goes high, the 24 bits that
have been clocked into the input register on each rising edge of
CLK will get transferred to the appropriate latch. See Figure 2
for the timing diagram and Table 5 for the Latch truth table.
The maximum allowable serial clock rate is 20 MHz. This
means that the maximum update rate possible for the device is
833 kHz or one update every 1.2 µs. This is certainly more than
adequate for systems that have typical lock times in hundreds of
microseconds.
ADuC812 Interface
Figure 28 shows the interface between the ADF4107 and the
ADuC812 MicroConverter®. Since the ADuC812 is based on an
8051 core, this interface can be used with any 8051 based
microcontroller. The MicroConverter is set up for SPI master
mode with CPHA = 0. To initiate the operation, the I/O port
driving LE is brought low. Each latch of the ADF4107 needs a
24-bit word. This is accomplished by writing three 8-bit bytes
from the MicroConverter to the device. When the third byte has
been written, the LE input should be brought high to complete
the transfer.
On first applying power to the ADF4107, it needs four writes
(one each to the initialization latch, function latch, R counter
latch, and N counter latch) for the output to become active.
I/O port lines on the ADuC812 are also used to control power-
down (CE input) and to detect lock (MUXOUT configured as
lock detect and polled by the port input).
When operating in the mode described, the maximum
SCLOCK rate of the ADuC812 is 4 MHz. This means that the
maximum rate at which the output frequency can be changed
will be 166 kHz.
CLK
DATA
LE
CE
MUXOUT
(LOCK DETECT)
MOSI
ADF4107
SCLOCK
I/O PORTS
ADuC812
Figure 28. ADuC812 to ADF4107 Interface
ADSP2181 Interface
Figure 29 shows the interface between the ADF4107 and the
ADSP21xx Digital Signal Processor. The ADF4107 needs a
24-bit serial word for each latch write. The easiest way to
accomplish this using the ADSP21xx family is to use the
autobuffered transmit mode of operation with alternate
framing. This provides a means for transmitting an entire block
of serial data before an interrupt is generated. Set up the word
length for 8 bits and use three memory locations for each 24-bit
word. To program each 24-bit latch, store the three 8-bit bytes,
enable the autobuffered mode, and then write to the transmit
register of the DSP. This last operation initiates the autobuffer
transfer.
CLK
DATA
LE
CE
MUXOUT
(LOCK DETECT)
DT
ADF4107
SCLK
I/O FLAGS
ADSP21XX
TFS
Figure 29. ADSP-21xx to ADF4107 Interface
PCB Design Guidelines for Chip Scale
Package
The lands on the chip scale package (CP-20) are rectangular.
The printed circuit board pad for these should be 0.1 mm
longer than the package land length and 0.05 mm wider than
the package land width. The land should be centered on the pad.
This will ensure that the solder joint size is maximized. The
bottom of the chip scale package has a central thermal pad.
The thermal pad on the printed circuit board should be at least
as large as this exposed pad. On the printed circuit board, there
should be a clearance of at least 0.25 mm between the thermal
pad and the inner edges of the pad pattern. This will ensure that
shorting is avoided.
Thermal vias may be used on the printed circuit board thermal
pad to improve thermal performance of the package. If vias are
used, they should be incorporated in the thermal pad at 1.2 mm
pitch grid. The via diameter should be between 0.3 mm and
0.33 mm and the via barrel should be plated with 1 oz. copper
to plug the via.
The user should connect the printed circuit board thermal pad
to AGND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com