Electronic Components Datasheet Search
  English  ▼

X  

FX021 Datasheet(PDF) 3 Page - Texas Instruments

Part # FX021
Description  Synchronous Buck NexFET Power Stage
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

FX021 Datasheet(HTML) 3 Page - Texas Instruments

  FX021 Datasheet HTML 1Page - Texas Instruments FX021 Datasheet HTML 2Page - Texas Instruments FX021 Datasheet HTML 3Page - Texas Instruments FX021 Datasheet HTML 4Page - Texas Instruments FX021 Datasheet HTML 5Page - Texas Instruments FX021 Datasheet HTML 6Page - Texas Instruments FX021 Datasheet HTML 7Page - Texas Instruments FX021 Datasheet HTML 8Page - Texas Instruments FX021 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
CSD97374Q4M
www.ti.com
SLPS382C – JANUARY 2013 – REVISED JULY 2013
ELECTRICAL CHARACTERISTICS
TA = 25°C, VDD = POR to 5.5V (unless otherwise noted)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
PLOSS
VIN = 12V, VDD = 5V, VOUT = 1.8V, IOUT = 15A,
Power Loss(1)
2.3
W
fSW = 500kHz, LOUT = 0.29µH , TJ = 25°C
VIN = 19V, VDD = 5V, VOUT = 1.8V, IOUT = 15A,
Power Loss(2)
2.5
W
fSW = 500kHz, LOUT = 0.29µH , TJ = 25°C
VIN = 19V, VDD = 5V, VOUT = 1.8V, IOUT = 15A,
Power Loss(2)
2.8
W
fSW = 500kHz, LOUT = 0.29µH , TJ = 125°C
VIN
VIN Quiescent Current, IQ
PWM=Floating, VDD = 5V, VIN= 24V
1
µA
VDD
PWM = Float, SKIP# = VDD or 0V
130
µA
Standby Supply Current, IDD
SKIP# = Float
8
µA
Operating Supply Current, IDD
PWM = 50% Duty cycle, fSW = 500kHz
8.2
mA
POWER-ON RESET AND UNDER VOLTAGE LOCKOUT
Power-On Reset, VDD Rising
4.15
V
UVLO, VDD Falling
3.7
V
Hysteresis
0.2
mV
PWM and SKIP# I/O Specifications
Pull Up to VDD
1700
Input Impedance, RI
k
Ω
Pull Down (to GND)
800
Logic Level High, VIH
2.65
Logic Level Low, VIL
0.6
V
Hysteresis, VIH
0.2
Tri-State Voltage, VTS
1.3
2
Tri-state Activation Time (falling) PWM,
60
tTHOLD(off1)
ns
Tri-state Activation Time (rising) PWM,
60
tTHOLD(off2)
Tri-state Activation Time (falling) SKIP#,
1
tTSKF
µs
Tri-state Activation Time (rising) SKIP#,
1
tTSKR
Tri-state Exit Time PWM, t3RD(PWM)
(2)
100
ns
Tri-state Exit Time SKIP#, t3RD(SKIP#)
(2)
50
µs
BOOTSTRAP SWITCH
Forward Voltage, VFBST
IF = 10mA
120
240
mV
Reverse Leakage, IRLEAK
(2)
VBST – VDD = 25V
2
µA
(1)
Measurement made with six 10-µF (TDK C3216X5R1C106KT or equivalent) ceramic capacitors placed across VIN to PGND pins.
(2)
Specified by design
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Not Recommended For New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com