Electronic Components Datasheet Search
  English  ▼

X  

FX021 Datasheet(PDF) 7 Page - Texas Instruments

Part # FX021
Description  Synchronous Buck NexFET Power Stage
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

FX021 Datasheet(HTML) 7 Page - Texas Instruments

Back Button FX021 Datasheet HTML 3Page - Texas Instruments FX021 Datasheet HTML 4Page - Texas Instruments FX021 Datasheet HTML 5Page - Texas Instruments FX021 Datasheet HTML 6Page - Texas Instruments FX021 Datasheet HTML 7Page - Texas Instruments FX021 Datasheet HTML 8Page - Texas Instruments FX021 Datasheet HTML 9Page - Texas Instruments FX021 Datasheet HTML 10Page - Texas Instruments FX021 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
UDG-12218
VUVLO_H
VUVLO_L
VVDD
Driver On
CSD97374Q4M
www.ti.com
SLPS382C – JANUARY 2013 – REVISED JULY 2013
Figure 14. Functional Block Diagram
FUNCTIONAL DESCRIPTION
POWERING CSD97374Q4M AND GATE DRIVERS
An external VDD voltage is required to supply the integrated gate driver IC and provide the necessary gate drive
power for the MOSFETS. A 1µF 10V X5R or higher ceramic capacitor is recommended to bypass VDD pin to
PGND. A bootstrap circuit to provide gate drive power for the Control FET is also included. The bootstrap supply
to drive the Control FET is generated by connecting a 100nF 16V X5R ceramic capacitor between BOOT and
BOOT_R pins. An optional RBOOT resistor can be used to slow down the turn on speed of the Control FET and
reduce voltage spikes on the VSW node. A typical 1Ω to 4.7Ω value is a compromise between switching loss and
VSW spike amplitude.
Undervoltage Lockout Protection (UVLO)
The undervoltage lockout (UVLO) comparator evaluates the VDD voltage level. As VVDD rises, both the Control
FET and Sync FET gates hold actively low at all times until VVDD reaches the higher UVLO threshold (VUVLO_H).,
Then the driver becomes operational and responds to PWM and SKIP# commands. If VDD falls below the lower
UVLO threshold (VUVLO_L = VUVLO_H – Hysteresis), the device disables the driver and drives the outputs of the
Control FET and Sync FET gates actively low. Figure 15 shows this function.
CAUTION
Do not start the driver in the very low power mode (SKIP# = Tri-state).
Figure 15. UVLO Operation
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Not Recommended For New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com