Electronic Components Datasheet Search
  English  ▼

X  

FX021 Datasheet(PDF) 12 Page - Texas Instruments

Part # FX021
Description  Synchronous Buck NexFET Power Stage
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

FX021 Datasheet(HTML) 12 Page - Texas Instruments

Back Button FX021 Datasheet HTML 8Page - Texas Instruments FX021 Datasheet HTML 9Page - Texas Instruments FX021 Datasheet HTML 10Page - Texas Instruments FX021 Datasheet HTML 11Page - Texas Instruments FX021 Datasheet HTML 12Page - Texas Instruments FX021 Datasheet HTML 13Page - Texas Instruments FX021 Datasheet HTML 14Page - Texas Instruments FX021 Datasheet HTML 15Page - Texas Instruments FX021 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
CSD97374Q4M
SLPS382C – JANUARY 2013 – REVISED JULY 2013
www.ti.com
RECOMMENDED PCB DESIGN OVERVIEW
There are two key system-level parameters that can be addressed with a proper PCB design: electrical and
thermal performance. Properly optimizing the PCB layout will yield maximum performance in both areas. Below
is a brief description on how to address each parameter.
Electrical Performance
The CSD97374Q4M has the ability to switch at voltage rates greater than 10kV/µs. Special care must be then
taken with the PCB layout design and placement of the input capacitors, inductor and output capacitors.
•
The placement of the input capacitors relative to VIN and PGND pins of CSD97374Q4M device should have the
highest priority during the component placement routine. It is critical to minimize these node lengths. As such,
ceramic input capacitors need to be placed as close as possible to the VIN and PGND pins (see Figure 19).
The example in Figure 19 uses 1 x 1nF 0402 25V and 3 x 10µF 1206 25V ceramic capacitors (TDK Part #
C3216X5R1C106KT or equivalent). Notice there are ceramic capacitors on both sides of the board with an
appropriate amount of vias interconnecting both layers. In terms of priority of placement next to the Power
Stage C5, C8 and C6, C19 should follow in order.
•
The bootstrap cap CBOOT 0.1µF 0603 16V ceramic capacitor should be closely connected between BOOT and
BOOT_R pins
•
The switching node of the output inductor should be placed relatively close to the Power Stage
CSD97374Q4M VSW pins. Minimizing the VSW node length between these two components will reduce the
PCB conduction losses and actually reduce the switching noise level. (2)
Thermal Performance
The CSD97374Q4M has the ability to use the GND planes as the primary thermal path. As such, the use of
thermal vias is an effective way to pull away heat from the device and into the system board. Concerns of solder
voids and manufacturability problems can be addressed by the use of three basic tactics to minimize the amount
of solder attach that will wick down the via barrel:
•
Intentionally space out the vias from each other to avoid a cluster of holes in a given area.
•
Use the smallest drill size allowed in your design. The example in Figure 19 uses vias with a 10 mil drill hole
and a 16 mil capture pad.
•
Tent the opposite side of the via with solder-mask.
In the end, the number and drill size of the thermal vias should align with the end user’s PCB design rules and
manufacturing capabilities.
Figure 19. Recommended PCB Layout (Top Down View)
(2)
Keong W. Kam, David Pommerenke, “EMI Analysis Methods for Synchronous Buck Converter EMI Root Cause Analysis”, University of
Missouri – Rolla
12
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Not Recommended For New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com