Electronic Components Datasheet Search
  English  ▼

X  

FX021 Datasheet(PDF) 6 Page - Texas Instruments

Part # FX021
Description  Synchronous Buck NexFET Power Stage
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

FX021 Datasheet(HTML) 6 Page - Texas Instruments

Back Button FX021 Datasheet HTML 2Page - Texas Instruments FX021 Datasheet HTML 3Page - Texas Instruments FX021 Datasheet HTML 4Page - Texas Instruments FX021 Datasheet HTML 5Page - Texas Instruments FX021 Datasheet HTML 6Page - Texas Instruments FX021 Datasheet HTML 7Page - Texas Instruments FX021 Datasheet HTML 8Page - Texas Instruments FX021 Datasheet HTML 9Page - Texas Instruments FX021 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
PWM
8
7
6
5
4
9
P
GND
1
V
IN
SKIP#
V
SW
V
DD
P
GND
BOOT
BOOT_R
2
3
CSD97374Q4M
SLPS382C – JANUARY 2013 – REVISED JULY 2013
www.ti.com
PIN CONFIGURATION
Figure 13. Top View
PIN DESCRIPTION
PIN
DESCRIPTION
NO.
NAME
1
SKIP#
This pin enables the Diode Emulation function. When this pin is held Low, Diode Emulation Mode is enabled for the
Sync FET. When SKIP# is High, the CSD97374Q4M operates in Forced Continuous Conduction Mode. A tri-state
voltage on SKIP# puts the driver into a very low power state.
2
VDD
Supply Voltage to Gate Drivers and internal circuitry.
3
PGND
Power Ground, Needs to be connected to Pin 9 and PCB
4
VSW
Voltage Switching Node – pin connection to the output inductor.
5
VIN
Input Voltage Pin. Connect input capacitors close to this pin.
6
BOOT_R
Bootstrap capacitor connection. Connect a minimum 0.1µF 16V X5R, ceramic cap from BOOT to BOOT_R pins. The
bootstrap capacitor provides the charge to turn on the Control FET. The bootstrap diode is integrated.
7
BOOT
8
PWM
Pulse Width modulated 3-state input from external controller. Logic Low sets Control FET gate low and Sync FET gate
high. Logic High sets Control FET gate high and Sync FET gate Low. Open or High Z sets both MOSFET gates low if
greater than the 3-State Shutdown Hold-off Time (t3HT)
9
PGND
Power Ground
6
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Not Recommended For New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com