Electronic Components Datasheet Search
  English  ▼

X  

FX021 Datasheet(PDF) 1 Page - Texas Instruments

Part # FX021
Description  Synchronous Buck NexFET Power Stage
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

FX021 Datasheet(HTML) 1 Page - Texas Instruments

  FX021 Datasheet HTML 1Page - Texas Instruments FX021 Datasheet HTML 2Page - Texas Instruments FX021 Datasheet HTML 3Page - Texas Instruments FX021 Datasheet HTML 4Page - Texas Instruments FX021 Datasheet HTML 5Page - Texas Instruments FX021 Datasheet HTML 6Page - Texas Instruments FX021 Datasheet HTML 7Page - Texas Instruments FX021 Datasheet HTML 8Page - Texas Instruments FX021 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
0
5
10
15
20
25
40
50
60
70
80
90
100
0
2
4
6
8
10
12
Output Current (A)
VGS = 5V
VIN = 12V
VOUT = 1.8V
LOUT = .29µH
fSW = 500kHz
TA = 25ºC
G001
CSD97374Q4M
www.ti.com
SLPS382C – JANUARY 2013 – REVISED JULY 2013
Synchronous Buck NexFET™ Power Stage
1
FEATURES
APPLICATIONS
23
•
Over 92% System Efficiency at 15A
•
Ultrabook/Notebook DC/DC Converters
•
Max Rated Continuous Current 25A, Peak 60A
•
Multiphase Vcore and DDR Solutions
•
High Frequency Operation (up to 2 MHz)
•
Point-of-Load Synchronous Buck in
Networking, Telecom, and Computing Systems
•
High Density - SON 3.5x4.5-mm Footprint
•
Ultra Low Inductance Package
ORDERING INFORMATION
•
System Optimized PCB Footprint
Device
Package
Media
Qty
Ship
•
Ultra Low Quiescent (ULQ) Current Mode
SON 3.5 × 4.5-mm
13-Inch
Tape and
CSD97374Q4M
2500
Plastic Package
Reel
Reel
•
3.3V and 5V PWM Signal Compatible
•
Diode Emulation Mode with FCCM
•
Input Voltages up to 24V
•
Three-State PWM Input
•
Integrated Bootsrap Diode
•
Shoot Through Protection
•
RoHS Compliant – Lead Free Terminal Plating
•
Halogen Free
DESCRIPTION
The CSD97374Q4M NexFET™ Power Stage is a highly optimized design for use in a high power, high density
Synchronous Buck converter. This product integrates the driver IC and NexFET technology to complete the
power stage switching function. The driver IC has a built-in selectable diode emulation function that enables
DCM operation to improve light load efficiency. In addition, the driver IC supports ULQ mode that enables
Connected Standby for Windows™ 8 . With the PWM input in tri-state, quiescent current is reduced to 130 µA,
with immediate response. When SKIP# is held at tri-state, the current is reduced to 8 µA (typically 20 µs is
required to resume switching). This combination produces a high current, high efficiency, and high speed
switching device in a small 3.5 × 4.5-mm outline package. In addition, the PCB footprint has been optimized to
help reduce design time and simplify the completion of the overall system design.
Figure 1. Application Diagram
Figure 2. Efficiency and Power Loss
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
NexFET is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.
Not Recommended For New Designs


Similar Part No. - FX021

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
FX026 TI-FX026 Datasheet
2Mb / 29P
22-V Input, 10-A Integrated FET Converter With Ultra-Low Quiescent
FX026 TI1-FX026 Datasheet
2Mb / 29P
22-V Input, 10-A Integrated FET Converter With Ultra-Low Quiescent ( ULQ)
logo
Elektron Components Ltd...
FX0267 BULGIN-FX0267 Datasheet
86Kb / 1P
PC and Base Mounting, PC1
FX0267 BULGIN-FX0267 Datasheet
1Mb / 18P
FUSEHOLDERS
logo
Texas Instruments
FX028 TI1-FX028 Datasheet
1Mb / 30P
650 kHz/1.2 MHz, 18.5 V STEP-UP DC-DC CONVERTER WITH 3.2 A SWITCH
More results

Similar Description - FX021

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD96370Q5M TI-CSD96370Q5M Datasheet
950Kb / 18P
Synchronous Buck NexFET??Power Stage
CSD97370Q5M TI1-CSD97370Q5M Datasheet
923Kb / 22P
Synchronous Buck NexFET Power Stage
JUNE2011
CSD97370Q5M_1110 TI-CSD97370Q5M_1110 Datasheet
789Kb / 18P
Synchronous Buck NexFET??Power Stage
CSD96371Q5M TI-CSD96371Q5M Datasheet
1Mb / 18P
Synchronous Buck NexFET Power Stage
CSD95372AQ5M TI-CSD95372AQ5M Datasheet
1Mb / 24P
Synchronous Buck NexFET??Power Stage
CSD95375Q4M TI-CSD95375Q4M Datasheet
911Kb / 18P
Synchronous Buck NexFET??Power Stage
CSD95373AQ5M TI1-CSD95373AQ5M Datasheet
1Mb / 25P
Synchronous Buck NexFET Power Stage
CSD96370Q5M TI-CSD96370Q5M_15 Datasheet
1Mb / 20P
Synchronous Buck NexFET??Power Stage
CSD97396Q4M TI1-CSD97396Q4M Datasheet
497Kb / 20P
Synchronous Buck NexFET Power Stage
CSD95377Q4M TI1-CSD95377Q4M Datasheet
498Kb / 20P
Synchronous Buck NexFET Power Stage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com