Electronic Components Datasheet Search
  English  ▼

X  

FX021 Datasheet(PDF) 8 Page - Texas Instruments

Part # FX021
Description  Synchronous Buck NexFET Power Stage
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

FX021 Datasheet(HTML) 8 Page - Texas Instruments

Back Button FX021 Datasheet HTML 4Page - Texas Instruments FX021 Datasheet HTML 5Page - Texas Instruments FX021 Datasheet HTML 6Page - Texas Instruments FX021 Datasheet HTML 7Page - Texas Instruments FX021 Datasheet HTML 8Page - Texas Instruments FX021 Datasheet HTML 9Page - Texas Instruments FX021 Datasheet HTML 10Page - Texas Instruments FX021 Datasheet HTML 11Page - Texas Instruments FX021 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
CSD97374Q4M
SLPS382C – JANUARY 2013 – REVISED JULY 2013
www.ti.com
PWM Pin
The PWM pin incorporates an input tri-state function. The device forces the gate driver outputs to low when
PWM is driven into the tri-state window and the driver enters a low power state with zero exit latency. The pin
incorporates a weak pull-up to maintain the voltage within the tri-state window during low-power modes.
Operation into and out of tri-state mode follows the timing diagram outlined in Figure 16.
When VDD reaches the UVLO_H level, a tri-state voltage range (window) is set for the PWM input voltage. The
window is defined the PWM voltage range between PWM logic high (VIH) and logic low (VIL) thresholds. The
device sets high-level input voltage and low-level input voltage threshold levels to accommodate both 3.3 V
(typical) and 5 V (typical) PWM drive signals.
When the PWM exits tri-state, the driver enters CCM for a period of 4 µs, regardless of the state of the SKIP#
pin. Normal operation requires this time period in order for the auto-zero comparator to resume.
Figure 16. PWM Tri-State Timing Diagram
SKIP# Pin
The SKIP# pin incorporates the input tri-state buffer as PWM. The function is somewhat different. When SKIP# is
low, the zero crossing (ZX) detection comparator is enabled, and DCM mode operation occurs if the load current
is less than the critical current. When SKIP# is high, the ZX comparator disables, and the converter enters FCCM
mode. When both SKIP# and PWM are tri-stated, normal operation forces the gate driver outputs low and the
driver enters a low-power state. In the low-power state, the UVLO comparator remains off to reduce quiescent
current. When SKIP# is pulled low, the driver wakes up and is able to accept PWM pulses in less than 50 µs.
Table 1 shows the logic functions of UVLO, PWM, SKIP#, the Control FET Gate and the Sync FET Gate.
Table 1. Logic Functions of the Driver IC
UVLO
PWM
SKIP#
Sync FET Gate
Control FET Gate
MODE
Active
—
—
Low
Low
Disabled
Inactive
Low
Low
High(1)
Low
DCM(1)
Inactive
Low
High
High
Low
FCCM
Inactive
High
H or L
Low
High
Inactive
Tri-state
H or L
Low
Low
LQ
Inactive
—
Tri-state
Low
Low
ULQ
(1)
Until zero crossing protection occurs.
8
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Not Recommended For New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com