Electronic Components Datasheet Search
  English  ▼

X  

FX021 Datasheet(PDF) 5 Page - Texas Instruments

Part # FX021
Description  Synchronous Buck NexFET Power Stage
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

FX021 Datasheet(HTML) 5 Page - Texas Instruments

  FX021 Datasheet HTML 1Page - Texas Instruments FX021 Datasheet HTML 2Page - Texas Instruments FX021 Datasheet HTML 3Page - Texas Instruments FX021 Datasheet HTML 4Page - Texas Instruments FX021 Datasheet HTML 5Page - Texas Instruments FX021 Datasheet HTML 6Page - Texas Instruments FX021 Datasheet HTML 7Page - Texas Instruments FX021 Datasheet HTML 8Page - Texas Instruments FX021 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
0
5
10
15
20
25
30
35
40
45
0
400
800
1200
1600
2000
2400
Switching Frequency (kHz)
VIN = 12V
VDD = 5V
VOUT = 1.8V
LOUT = 0.29µH
IOUT = 25A
G000
8.5
9
9.5
10
10.5
11
−75
−50
−25
0
25
50
75
100
125
150
Junction Temperature (°C)
VIN = 12V
VDD = 5V
VOUT = 1.8V
LOUT = 0.29µH
IOUT = 25A
G000
0
0.5
1
1.5
2
2.5
3
3.5
4
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
−7.2
−5.4
−3.6
−1.8
0
1.8
3.6
5.4
7.2
9
Output Voltage (V)
VIN = 12V
VDD = 5V
fSW = 500kHz
LOUT = 0.29µH
IOUT = 25A
G001
0
100 200 300 400 500 600 700 800 900 1000 1100
0.9
0.95
1
1.05
1.1
1.15
1.2
1.25
−1.8
−0.9
0
0.9
1.8
2.7
3.5
4.4
Output Inductance (nH)
VIN = 12V
VDD = 5V
VOUT = 1.8V
fSW = 500kHz
IOUT = 25A
G001
CSD97374Q4M
www.ti.com
SLPS382C – JANUARY 2013 – REVISED JULY 2013
TYPICAL CHARACTERISTICS (continued)
TJ = 125°C, unless stated otherwise.
Figure 9. Normalized Power Loss vs Output Voltage
Figure 10. Normalized Power Loss vs Output Inductance
Figure 11. Driver Current vs Frequency
Figure 12. Driver Current vs Temperature
1. The Typical CSD97374Q4M System Characteristic curves are based on measurements made on a PCB design with
dimensions of 4.0" (W) x 3.5" (L) x 0.062" (T) and 6 copper layers of 1 oz. copper thickness. See the Application
Information section for detailed explanation.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Not Recommended For New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com