Electronic Components Datasheet Search
  English  ▼

X  

LM3530 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # LM3530
Description  High-Efficiency White-LED Driver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3530 Datasheet(HTML) 18 Page - Texas Instruments

Back Button LM3530 Datasheet HTML 14Page - Texas Instruments LM3530 Datasheet HTML 15Page - Texas Instruments LM3530 Datasheet HTML 16Page - Texas Instruments LM3530 Datasheet HTML 17Page - Texas Instruments LM3530 Datasheet HTML 18Page - Texas Instruments LM3530 Datasheet HTML 19Page - Texas Instruments LM3530 Datasheet HTML 20Page - Texas Instruments LM3530 Datasheet HTML 21Page - Texas Instruments LM3530 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 50 page
background image
BRT
x
_
I
I
FS
LED
LED =
.
20.2 mA
|
5
.
22
mA x 0.8976
=
BRT
x
_
I
I
FS
LED
LED =
.
10.9 mA
|
5
.
22
mA x 0.48438
=
.
58
.
5
mA
|
%
70
%
4
.
51
5
.
15
mA
D
BRT
x
x
=
x
x
_
I
I
FS
LED
LED =
LM3530
SNVS606L – JUNE 2009 – REVISED DECEMBER 2014
www.ti.com
Example: PWM + I2C-Compatible Current Control:
As an example, assume the the General Configuration Register is loaded with (0x2D). From Table 5, this sets up
the LM3530 with:
Simple Enable OFF (bit 7 = 0)
Positive PWM Polarity (bit 6 = 0)
PWM Enabled (bit 5 = 1)
Full-Scale Current set at 15.5 mA (bits [4:2] = 100)
Brightness Mapping set for Exponential (bit 1 = 0)
Device Enabled via I2C (bit 0 = 1)
Next, the Brightness Control Register is loaded with 0x73. This sets the LED current to 51.406% of full scale (see
Equation 1). Finally, the PWM input is driven with a 0-V to 2-V pulse waveform at 70% duty cycle. The LED
current under these conditions will be:
where
•
BRT is the percentage of ILED_FS as set in the Brightness Control Register
(1)
8.3.12 I2C-Compatible Current Control Only
I2C-Compatible Control is enabled by writing a '1' to the I2C Device Enable bit (bit [0] of the General
Configuration Register), a '0' to the Simple Enable bit (bit 7), and a '0' to the PWM Enable bit (bit 5). With bit 5 =
0, the duty cycle information at the PWM input is not used in setting the LED current.
In this mode the LED current is a function of the Full-Scale LED current bits (bits [4:2] of the General
Configuration Register) and the code in the Brightness Control Register. The LED current mapping for the
Brightness Control Register can be linear or exponential depending on bit [1] in the General Configuration
Register (see Exponential or Linear Brightness Mapping Modes section). Using I2C-Compatible Control Only, the
Full-Scale LED Current bits and the Brightness Control Register code provides nearly 1016 possible current
levels selectable over the I2C-compatible interface.
Example: I2C-Compatible Current Control Only:
As an example, assume the General Configuration Register is loaded with 0x15. From Table 5 this sets up the
LM3530 with:
Simple Enable OFF (bit 7 = 0)
Positive PWM Polarity (bit 6 = 0)
PWM Disabled (bit 5 = 0)
Full-Scale Current set at 22.5mA (bits [4:2] = 101)
Brightness Mapping set for Exponential (bit 1 = 0)
Device Enabled via I2C (bit 0 = 1)
The Brightness Control Register is then loaded with 0x72 (48.438% of full-scale current from Equation 2). The
LED current with this configuration becomes:
where
•
BRT is the % of ILED_FS as set in the Brightness Control Register.
(2)
Next, the brightness mapping is set to linear mapping mode (bit [1] in General Configuration Register set to 1).
Using the same Full-Scale current settings and Brightness Control Register settings as before, the LED current
becomes:
(3)
Which is higher now since the code in the Brightness Control Register (0x72) corresponds to 89.76% of Full-
Scale LED Current due to the different mapping mode given in Figure 34.
18
Submit Documentation Feedback
Copyright © 2009–2014, Texas Instruments Incorporated
Product Folder Links: LM3530



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com