Electronic Components Datasheet Search
  English  ▼

X  

LM3530 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # LM3530
Description  High-Efficiency White-LED Driver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3530 Datasheet(HTML) 24 Page - Texas Instruments

Back Button LM3530 Datasheet HTML 20Page - Texas Instruments LM3530 Datasheet HTML 21Page - Texas Instruments LM3530 Datasheet HTML 22Page - Texas Instruments LM3530 Datasheet HTML 23Page - Texas Instruments LM3530 Datasheet HTML 24Page - Texas Instruments LM3530 Datasheet HTML 25Page - Texas Instruments LM3530 Datasheet HTML 26Page - Texas Instruments LM3530 Datasheet HTML 27Page - Texas Instruments LM3530 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 50 page
background image
.
1.3 mA
|
22.5 mA x 5.781%
ZoneTarget2 =
x
_
I
I
FS
LED
LED =
LM3530
SNVS606L – JUNE 2009 – REVISED DECEMBER 2014
www.ti.com
Example: ALS Averaging:
As an example, suppose the LM3530 ALS Configuration Register is loaded with 0x3B. This configures the device
for:
ALS1 as the active ALS input (bits [6:5] = 01)
Enables Ambient Light Current Control (bit 4 = 1)
Enables the ALS circuitry (bit 3 = 1)
Sets the ALS Averaging Time to 256 ms (bits [2:0] = 011)
Next, the ALS Resistor Select Register is loaded with 0x04. This configures the ALS2 input as high impedance
and configures the ALS1 input with a 2.27-k
Ω internal pull-down resistor. The Zone Boundary Registers and
Zone Target Registers are left with their default values. The Brightness Ramp Rate Register is loaded with 0x2D.
This sets up the LED current ramp rate at 16.384 ms/step. Finally, the General Configuration Register is loaded
with 0x15. This sets up the device with:
Simple Enable OFF (bit 7 = 0)
PWM Polarity High (bit 6 = 0)
PWM Input Disabled (bit 5 = 0)
Full-Scale Current = 22.5mA (bits [4:2] = 101)
Brightness Mapping Mode as Exponential (bit 1 = 0)
Device Enabled via I2C (bit 0 = 1)
As the device starts up the APDS-9005 ambient light sensor (connected to the ALS1 input) detects 500 LUX.
This puts approximately 437.5 mV at ALS1 (see Figure 37). This places the measured ambient light between
Zone Boundary Registers 1 and 2, thus corresponding to Zone Target Register 2. The default value for this
register is 0x4C. The LED current is programmed to:
(10)
Referring to Figure 37, initially the Averager is loaded with Zone 0 so it takes 2 averaging periods for the LM3530
to change to the new zone. After the ALS1 voltage remains at 437.5 mV for two averaging periods (end of period
2) the LM3530 repeats Zone 2 and signals the LED current to begin ramping to the Zone 2 target beginning at
average period 3. Since the ramp rate is set at 16.384 ms/step the LED current goes from 0 to 1.3 mA in 76 ×
16.384 ms = 1.245s (approximately 5 average periods).
After the LED current has been at its steady state of 1.3 mA for a while, the ambient light suddenly steps to 900
LUX for 500 ms and then steps back to 500 LUX. In this case the 900 LUX will place the ALS1 voltage at
approximately 979 mV corresponding to Zone 4 somewhere during average period 10 and fall back to 437.5 mV
somewhere during average period 12. The averager output during period #10 goes to 3, and then during period
11, goes to 4. Since there have been 2 increases in the average during period 10 and period 11, the beginning of
average period #12 shows a change in the brightness zone to Zone 4. This results in the LED current ramping to
the new value of 22.5 mA (the Zone 4 target). During period #12 the ambient light steps back to 500 LUX and
forces ALS1 to 437.5 mV (corresponding to Zone 2). After average period 12 and period 13 have shown that the
averager transitioned lower two times, the brightness zone changes to the new target at the beginning of period
14. This signals the LED current to ramp down to the zone 2 target of 1.3 mA. Looking back at average period 12
and period 13, the LED current was only able to ramp up to 7.38 mA due to the ramp rate of 16.384 ms/step (2
average periods of 256 ms each) before it was instructed to ramp back to the Zone 2 target at the start of period
14. This example demonstrates not only the averaging feature, but how additional filtering of transient events on
the ALS inputs can be accomplished by using the LED current ramp rates.
24
Submit Documentation Feedback
Copyright © 2009–2014, Texas Instruments Incorporated
Product Folder Links: LM3530



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com