Electronic Components Datasheet Search
  English  ▼

X  

LM3530 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM3530
Description  High-Efficiency White-LED Driver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3530 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM3530 Datasheet HTML 5Page - Texas Instruments LM3530 Datasheet HTML 6Page - Texas Instruments LM3530 Datasheet HTML 7Page - Texas Instruments LM3530 Datasheet HTML 8Page - Texas Instruments LM3530 Datasheet HTML 9Page - Texas Instruments LM3530 Datasheet HTML 10Page - Texas Instruments LM3530 Datasheet HTML 11Page - Texas Instruments LM3530 Datasheet HTML 12Page - Texas Instruments LM3530 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 50 page
background image
LM3530
www.ti.com
SNVS606L – JUNE 2009 – REVISED DECEMBER 2014
Typical Characteristics (continued)
VIN = 3.6 V, LEDs are OVSRWAC1R6 from OPTEK Technology, COUT = 1 µF, CIN = 1 µF, L = TDK VLF5012ST-100M1R0,
(RL = 0.24 Ω), ILED = 19 mA, TA = 25°C, unless otherwise specified.
Channel 2: SDA (5V/div)
Time Base (40ms/div)
Channel 2: SDA (5V/div)
Time Base (100ms/div)
Channel 3: ILED (10mA/div)
Channel 3: ILED (10mA/div)
1.024ms/Step Up And Down
2.048ms/Step Up And Down
Figure 15. Ramp Rate (Exponential)
Figure 16. Ramp Rate (Exponential)
Channel 2: SDA (5V/div)
Time Base (400ms/div)
Channel 2: SDA (5V/div)
Time Base (200ms/div)
Channel 3: ILED (10mA/div)
Channel 3: ILED (10mA/div)
8.192ms/Step Up And Down
4.096ms/Step Up And Down
Figure 18. Ramp Rate (Exponential)
Figure 17. Ramp Rate (Exponential)
Channel 2: SDA (5V/div)
Time Base (1s/div)
Channel 2: SDA (5V/div)
Time Base (2s/div)
Channel 3: ILED (10mA/div)
Channel 3: ILED (10mA/div)
16.384ms/Step Up And Down
32.768ms/Step Up And Down
Figure 19. Ramp Rate (Exponential)
Figure 20. Ramp Rate (Exponential)
Copyright © 2009–2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM3530



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com