Electronic Components Datasheet Search
  English  ▼

X  

LM3530 Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # LM3530
Description  High-Efficiency White-LED Driver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3530 Datasheet(HTML) 40 Page - Texas Instruments

Back Button LM3530 Datasheet HTML 36Page - Texas Instruments LM3530 Datasheet HTML 37Page - Texas Instruments LM3530 Datasheet HTML 38Page - Texas Instruments LM3530 Datasheet HTML 39Page - Texas Instruments LM3530 Datasheet HTML 40Page - Texas Instruments LM3530 Datasheet HTML 41Page - Texas Instruments LM3530 Datasheet HTML 42Page - Texas Instruments LM3530 Datasheet HTML 43Page - Texas Instruments LM3530 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 50 page
background image
LM3530
SNVS606L – JUNE 2009 – REVISED DECEMBER 2014
www.ti.com
Layout Guidelines (continued)
The driver current requirement can range from 50 mA at 2.7 V to over 200 mA at 5.5 V with fast durations of
approximately 10 ns to 20 ns. This will appear as high di/dt current pulses coming from the input capacitor each
time the switch turns on. Close placement of the input capacitor to the IN pin and to the GND pin is critical since
any series inductance between IN and CIN+ or CIN– and GND can create voltage spikes that could appear on the
VIN supply line and in the GND plane.
Close placement of the input bypass capacitor at the input side of the inductor is also critical. The source
impedance (inductance and resistance) from the input supply, along with the input capacitor of the LM3530, form
a series RLC circuit. If the output resistance from the source (RS) is low enough the circuit will be underdamped
and will have a resonant frequency (typically the case). Depending on the size of LS the resonant frequency
could occur below, close to, or above switching frequency of the device. This can cause the supply current ripple
to be:
1. Approximately equal to the inductor current ripple when the resonant frequency occurs well above the
LM3530 switching frequency;
2. Greater then the inductor current ripple when the resonant frequency occurs near the switching frequency;
and
3. Less then the inductor current ripple when the resonant frequency occurs well below the switching frequency.
Figure 57 shows the series RLC circuit formed from the output impedance of the supply and the input capacitor.
The circuit is re-drawn for the AC case where the VIN supply is replaced with a short to GND and the LM3530 +
Inductor is replaced with a current source (
ΔIL). In Figure 57 below,
1. = the criteria for an underdamped response.
2. = the resonant frequency, and
3. = the approximated supply current ripple as a function of LS, RS, and CIN.
As an example, consider a 3.6-V supply with 0.1-
Ω of series resistance connected to CIN through 50 nH of
connecting traces. This results in an underdamped input filter circuit with a resonant frequency of 712 kHz. Since
the switching frequency lies near to the resonant frequency of the input RLC network, the supply current is
probably larger then the inductor current ripple. In this case using Equation 2 from Figure 57 the supply current
ripple can be approximated as 1.68 multiplied by the inductor current ripple. Increasing the series inductance (LS)
to 500 nH causes the resonant frequency to move to around 225 kHz and the supple current ripple to be
approximately 0.25 multiplied by the inductor current ripple.
40
Submit Documentation Feedback
Copyright © 2009–2014, Texas Instruments Incorporated
Product Folder Links: LM3530



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com