Electronic Components Datasheet Search
  English  ▼

X  

LM3530 Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # LM3530
Description  High-Efficiency White-LED Driver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3530 Datasheet(HTML) 31 Page - Texas Instruments

Back Button LM3530 Datasheet HTML 27Page - Texas Instruments LM3530 Datasheet HTML 28Page - Texas Instruments LM3530 Datasheet HTML 29Page - Texas Instruments LM3530 Datasheet HTML 30Page - Texas Instruments LM3530 Datasheet HTML 31Page - Texas Instruments LM3530 Datasheet HTML 32Page - Texas Instruments LM3530 Datasheet HTML 33Page - Texas Instruments LM3530 Datasheet HTML 34Page - Texas Instruments LM3530 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 50 page
background image
Bit 7
(Not Used)
Bit 6
Data
Bit 5
Data
Bit 4
Data
Bit 0
Data
Bit 1
Data
Brightness Control Register
Address 0xA0, Default Value 0x7F
MSB
LSB
Bit 3
Data
Bit 2
Data
Bit 7
ALSR2A
Bit 6
ALSR2B
Bit 5
ALSR2C
Bit 4
ALSR2D
Bit 0
ALSR1D
Bit 1
ALSR1C
ALS Resistor Select Register
Address 0x41, Default Value 0x00
MSB
LSB
Bit 3
ALSR1A
Bit 2
ALSR1B
LM3530
www.ti.com
SNVS606L – JUNE 2009 – REVISED DECEMBER 2014
Figure 45. ALS Resistor Select Register
Table 9. ALS Resistor Select Register Description (0x41)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(ALSR2A)
(ALSR2B)
(ALSR2C)
(ALSR2D)
(ALSR1A)
(ALSR1B)
(ALSR1C)
(ALSR1D)
0000 = ALS2 is high impedance
0000 = ALS2 is high impedance
0001 = 13.531 k
Ω (73.9 µA at 1 V)
0001 = 13.531 k
Ω (73.9 µA at 1 V)
0010 = 9.011 k
Ω (111 µA at 1 V)
0010 =9.011 k
Ω (111 µA at 1 V)
0011 = 5.4116 k
Ω (185 µA at 1 V)
0011 = 5.4116 k
Ω (185 µA at 1 V)
0100 = 2.271 k
Ω (440 µA at 1 V)
0100 = 2.271 k
Ω (440 µA at 1 V)
0101 = 1.946 k
Ω (514 µA at 1 V)
0101 = 1.946 k
Ω (514 µA at 1 V)
0110 = 1.815 k
Ω (551 µA at 1 V)
0110 = 1.815 k
Ω (551 µA at 1 V)
0111 = 1.6 k
Ω (625 µA at 1 V)
0111 = 1.6 k
Ω (625 µA at 1 V)
1000 = 1.138 k
Ω (879 µA at 1 V)
1000 = 1.138 k
Ω (879µA at 1 V)
1001 = 1.05 k
Ω (952 µA at 1 V)
1001 = 1.05 k
Ω (952 µA at 1 V)
1010 = 1.011 k
Ω (989 µA at 1 V)
1010 = 1.011 k
Ω (989 µA at 1 V)
1011 = 941
Ω (1.063 mA at 1 V)
1011 = 941
Ω (1.063 mA at 1 V)
1100 = 759
Ω (1.318 mA at 1 V)
1100 = 759
Ω (1.318 mA at 1 V)
1101 = 719
Ω (1.391 mA at 1 V)
1101 = 719
Ω (1.391 mA at 1 V)
1110 = 700
Ω (1.429 mA at 1 V)
1110 = 700
Ω (1.429 mA at 1 V)
1111 = 667
Ω (1.499 mA at 1 V)
1111 = 667
Ω (1.499 mA at 1 V)
8.6.1.6 Brightness Control Register
The Brightness Register (BRT) is an 8-bit register that programs the 127 different LED current levels (Bits [6:0]).
The code written to BRT is translated into an LED current as a percentage of ILED_FULLSCALE as set via the Full-
Scale Current Select bits (General Configuration Register bits [4:2]). The LED current response has a typical
1000:1 dimming ratio at the maximum full-scale current (General Configuration Register bits [4:2] = (111) and
using the exponential weighted dimming curve.
There are two selectable LED current profiles. Setting the General Configuration Register bit 1 to 0 selects the
exponentially weighted LED current response (see Figure 34). Setting this bit to '1' selects the linear weighted
curve (see Figure 35). Table 2 and Table 3 show the percentage Full-Scale LED Current at a given Brightness
Register Code for both the Exponential and Linear current response.
Figure 46. Brightness Control Register
Table 10. Brightness Control Register Description (0xA0)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
N/A
Data (MSB)
Data
Data
Data
Data
Data
Data
LED Brightness Data (Bits [6:0]
Exponential Mapping (see Table 2)
Linear Mapping (see Table 3)
0000000 = LEDs Off
0000000 = LEDs Off
0000001 = 0.08% of Full Scale
0000001 = 0.79% of Full Scale
:
:
:
:
:
:
1111111 = 100% of Full Scale
1111111 = 100% of Full Scale
Copyright © 2009–2014, Texas Instruments Incorporated
Submit Documentation Feedback
31
Product Folder Links: LM3530



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com