Electronic Components Datasheet Search
  English  ▼

X  

LM3530 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # LM3530
Description  High-Efficiency White-LED Driver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3530 Datasheet(HTML) 27 Page - Texas Instruments

Back Button LM3530 Datasheet HTML 23Page - Texas Instruments LM3530 Datasheet HTML 24Page - Texas Instruments LM3530 Datasheet HTML 25Page - Texas Instruments LM3530 Datasheet HTML 26Page - Texas Instruments LM3530 Datasheet HTML 27Page - Texas Instruments LM3530 Datasheet HTML 28Page - Texas Instruments LM3530 Datasheet HTML 29Page - Texas Instruments LM3530 Datasheet HTML 30Page - Texas Instruments LM3530 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 50 page
background image
0
Bit 7
1
Bit 6
1
Bit 5
0
Bit 4
R/W
Bit 0
0
Bit 1
I2C Compatible Address
MSB
1
Bit 3
1
Bit 2
LSB
0
Bit 7
1
Bit 6
1
Bit 5
1
Bit 4
R/W
Bit 0
0
Bit 1
I2C Compatible Address
MSB
LSB
0
Bit 3
0
Bit 2
Start Condition
Stop Condition
SDA
SCL
S
P
LM3530
www.ti.com
SNVS606L – JUNE 2009 – REVISED DECEMBER 2014
8.5 Programming
8.5.1 I2C-Compatible Interface
8.5.1.1 Start and Stop Condition
The LM3530 is controlled via an I2C-compatible interface. START and STOP conditions classify the beginning
and the end of the I2C session. A START condition is defined as SDA transitioning from HIGH to LOW while SCL
is HIGH. A STOP condition is defined as SDA transitioning from LOW to HIGH while SCL is HIGH. The I2C
master always generates the START and STOP conditions. The I2C bus is considered busy after a START
condition and free after a STOP condition. During data transmission, the I2C master can generate repeated
START conditions. A START and a repeated START conditions are equivalent function-wise. The data on SDA
must be stable during the HIGH period of the clock signal (SCL). In other words, the state of SDA can only be
changed when SCL is LOW.
Figure 38. Start and Stop Sequences
8.5.1.2 I2C-Compatible Address
The 7bit chip address for the LM3530 is (0x38, or 0x39) for the 40-V version and (0x36) for the 25-V version.
After the START condition, the IC master sends the 7-bit chip address followed by an eighth bit (LSB) read or
write (R/W). R/W= 0 indicates a WRITE and R/W = 1 indicates a READ2. The second byte following the chip
address selects the register address to which the data will be written. The third byte contains the data for the
selected register.
Figure 39. I2C-Compatible Chip Address (0x38)
Figure 40. I2C-Compatible Chip Address (0x36)
8.5.1.3 Transferring Data
Every byte on the SDA line must be eight bits long, with the most significant bit (MSB) transferred first. Each byte
of data must be followed by an acknowledge bit (ACK). The acknowledge related clock pulse (9th clock pulse) is
generated by the master. The master then releases SDA (HIGH) during the 9th clock pulse. The LM3530 pulls
down SDA during the 9th clock pulse, signifying an acknowledge. An acknowledge is generated after each byte
has been received.
There are fourteen 8-bit registers within the LM3530 as detailed in Table 4.
Copyright © 2009–2014, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Links: LM3530



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com