Electronic Components Datasheet Search
  English  ▼

X  

LM3530 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM3530
Description  High-Efficiency White-LED Driver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3530 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM3530 Datasheet HTML 6Page - Texas Instruments LM3530 Datasheet HTML 7Page - Texas Instruments LM3530 Datasheet HTML 8Page - Texas Instruments LM3530 Datasheet HTML 9Page - Texas Instruments LM3530 Datasheet HTML 10Page - Texas Instruments LM3530 Datasheet HTML 11Page - Texas Instruments LM3530 Datasheet HTML 12Page - Texas Instruments LM3530 Datasheet HTML 13Page - Texas Instruments LM3530 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 50 page
background image
LM3530
SNVS606L – JUNE 2009 – REVISED DECEMBER 2014
www.ti.com
Typical Characteristics (continued)
VIN = 3.6 V, LEDs are OVSRWAC1R6 from OPTEK Technology, COUT = 1 µF, CIN = 1 µF, L = TDK VLF5012ST-100M1R0,
(RL = 0.24 Ω), ILED = 19 mA, TA = 25°C, unless otherwise specified.
Channel 2: SDA (5V/div)
Time Base (4s/div)
Channel 1: IIN (200mA/div)
Time Base (2ms/div)
Channel 3: ILED (10mA/div)
Channel 3: VOUT (20V/div)
Ramp Rate = 8µs/Step
65.538ms/Step Up And Down
Channel 4 (10mA/div)
ILED = 19mA
L = 22 µH
VIN = 3.6V
Figure 21. Ramp Rate (Exponential)
Figure 22. Start-up Plot
Channel 2: PWM (5V/div)
Time Base (2ms/div)
Channel 1: VIN (500mV/div)
Time Base (400µs/div)
Channel 4: ILED (5mA/div)
ILED Full Scale = 19 mA
Channel 2: VOUT (500mV/div)
L = 22 µH
DPWM From 30% To 70%
FPWM = 5 kHz
Channel 3: ILED (500µA/div)
ILED = 19 mA
VIN From 3.6 V To 3.2 V
Figure 24. ILED Response To Step Change In PWM Duty
Figure 23. Line Step Response
Cycle
Closed Loop
L = 22 µH
The value for current limit given in the Electrical Characteristics is measured in an open loop test by forcing current into SW until the
current limit comparator threshold is reached. The typical curve for current limit is measured in closed loop using the typical application
circuit by increasing IOUT until the peak inductor current stops increasing. Closed loop data appears higher due to the delay between the
comparator trip point and the NFET turning off. This delay allows the closed loop inductor current to ramp higher after the trip point by
approximately 100 ns × VIN/L.
Figure 25. Current Limit vs VIN
10
Submit Documentation Feedback
Copyright © 2009–2014, Texas Instruments Incorporated
Product Folder Links: LM3530



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com